Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAL4-1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DAL4-1-R
Description  Multiplex Transmission System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAL4-1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DAL4-1-R Datasheet HTML 1Page - M-System Co.,Ltd. DAL4-1-R Datasheet HTML 2Page - M-System Co.,Ltd. DAL4-1-R Datasheet HTML 3Page - M-System Co.,Ltd. DAL4-1-R Datasheet HTML 4Page - M-System Co.,Ltd. DAL4-1-R Datasheet HTML 5Page - M-System Co.,Ltd. DAL4-1-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: DAL4
DAL4 SPECIFICATIONS
ES-6782 Rev.2 Page 2/6
http://www.m-system.co.jp/
INSTALLATION
Power consumption
•AC: Approx. 11 VA
•DC: Approx. 250 mA
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 300 g (0.66 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(PORT-A to PORT-B to PORT-C to power to FG)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com