Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAL4-2-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # DAL4-2-R
Description  Multiplex Transmission System
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DAL4-2-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  DAL4-2-R Datasheet HTML 1Page - M-System Co.,Ltd. DAL4-2-R Datasheet HTML 2Page - M-System Co.,Ltd. DAL4-2-R Datasheet HTML 3Page - M-System Co.,Ltd. DAL4-2-R Datasheet HTML 4Page - M-System Co.,Ltd. DAL4-2-R Datasheet HTML 5Page - M-System Co.,Ltd. DAL4-2-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: DAL4
DAL4 SPECIFICATIONS
ES-6782 Rev.2 Page 3/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
■DAL4-1
75 (2.95)
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
16–M3.5
SCREW
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
■DAL4-2
75 (2.95)
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
16–M3.5
SCREW
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
■DAL4-5, 7
75 (2.95)
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
16–M3.5
SCREW
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
RXD
TXD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com