Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F1AV-70UT Datasheet(PDF) 30 Page - STMicroelectronics

Part # PSD813F1AV-70UT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1AV-70UT Datasheet(HTML) 30 Page - STMicroelectronics

Back Button PSD813F1AV-70UT Datasheet HTML 26Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 27Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 28Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 29Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 30Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 31Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 32Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 33Page - STMicroelectronics PSD813F1AV-70UT Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 110 page
background image
PSD813F1V
30/110
FLASH AND EEPROM MEMORY SPECIFIC FEATURES
Flash Memory and EEPROM Sector Protect
Each Flash and EEPROM sector can be separate-
ly protected against Program and Erase functions.
Sector Protection provides additional data security
because it disables all program or erase opera-
tions. This mode can be activated through the
JTAG Port or a Device Programmer.
Sector protection can be selected for each sector
using the PSDsoft Configuration program. This will
automatically protect selected sectors when the
device is programmed through the JTAG Port or a
Device Programmer. Flash and EEPROM sectors
can be unprotected to allow updating of their con-
tents using the JTAG Port or a Device Program-
mer. The microcontroller can read (but cannot
change) the sector protection bits.
Any attempt to program or erase a protected Flash
or EEPROM sector will be ignored by the device.
The Verify operation will result in a READ of the
protected data. This allows a guarantee of the re-
tention of the Protection status.
The sector protection status can be read by the
MCU through the Flash protection and PSD/EE
protection registers (CSIOP). See Table 10.
Reset
The Reset instruction resets the internal memory
logic state machine in a few milliseconds. Reset is
an instruction of either one write operation or three
write operations (refer to Table 8., page 20).
Table 10. Sector Protection/Security Bit Definition – Flash Protection Register
Note: 1. Bit Definitions:
Sec<i>_Prot 1 = Flash <i> is write protected.
Sec<i>_Prot 0 = Flash <i> is not write protected.
Table 11. Sector Protection/Security Bit Definition – PSD/EE Protection Register
Note: 1. Bit Definitions:
Sec<i>_Prot 1 = EEPROM Boot Sector <i> is write protected.
Sec<i>_Prot 0 = EEPROM Boot Sector <i> is not write protected.
Security_Bit 0 = Security Bit in device has not been set.
1 = Security Bit in device has been set.
SRAM
The SRAM is a 16 Kbit (2K x 8) memory. The
SRAM is enabled when RS0—the SRAM chip se-
lect output from the DPLD—is high. RS0 can con-
tain up to two product terms, allowing flexible
memory mapping.
The SRAM can be backed up using an external
battery. The external battery should be connected
to the VSTBY pin (PC2). If you have an external
battery connected to the PSD, the contents of the
SRAM will be retained in the event of a power loss.
The contents of the SRAM will be retained so long
as the battery voltage remains at 2V or greater.
If the supply voltage falls below the battery volt-
age, an internal power switchover to the battery
occurs.
Pin PC4 can be configured as an output that indi-
cates when power is being drawn from the exter-
nal battery. This VBATON signal will be high with
the supply voltage falls below the battery voltage
and the battery on PC2 is supplying power to the
internal SRAM.
The chip select signal (RS0) for the SRAM, VSTBY,
and VBATON are all configured using PSDsoft Ex-
press Configuration.
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Sec7_Prot
Sec6_Prot
Sec5_Prot
Sec4_Prot
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot
Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1
Bit 0
Security_Bit
not used
not used
not used
Sec3_Prot
Sec2_Prot
Sec1_Prot
Sec0_Prot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com