Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48V-1RVA-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # 48V-1RVA-R
Description  Bargraph Indicators 48 Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48V-1RVA-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  48V-1RVA-R Datasheet HTML 1Page - M-System Co.,Ltd. 48V-1RVA-R Datasheet HTML 2Page - M-System Co.,Ltd. 48V-1RVA-R Datasheet HTML 3Page - M-System Co.,Ltd. 48V-1RVA-R Datasheet HTML 4Page - M-System Co.,Ltd. 48V-1RVA-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: 48V
http://www.m-system.co.jp/
48V SPECIFICATIONS
ES-9311 Rev.13 Page 4/5
EXTERNAL VIEW
50
40
30
20
10
0
10
20
30
40
50
50
40
30
20
10
0
10
20
30
40
50
50
40
30
20
10
0
10
20
30
40
50
50
40
30
20
10
0
10
20
30
40
50
°C
°C
m
m3/h
Tag No.
Label
■VERTICAL MOUNTING
50
50
40
30
20
10
0
10
20
30
40
50
40
30
20
10
0
10
20
30
40
50
Input 1
Input 1
Input 2
Input 2
• Single
■HORIZONTAL MOUNTING
• Single
• Dual
• Dual
m3/h –
–
–
–
–
°C
–
Tag No.
Label
*
*Engineering units longer than 3 characters are indicated here.
Remark: If there is only one engineering unit with dual bargraph type,
the position and maximum number of characters for single bargraph
type are applied.
CONNECTION DIAGRAM
1
2
INPUT
+
–
5
6
DC POWER
+
–
7
8
AC POWER
U
V
■48V-1
1
2
INPUT 1
+
–
3
4
INPUT 2
+
–
5
6
DC POWER
+
–
7
8
AC POWER
U
V
■48V-2
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
BEZEL
36 (1.42)
41 (1.61)
135 (5.31)
164 (6.46)
9 (.35)
20 (.79)
1
2
3
4
5
6
7
8
36 (1.42)
7.5 (.30)
9.4 (.37)
M3 (.12) SCREW
BEZEL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com