Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS14L Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS14L
Description  SURFACE MOUNTSCHOTTKY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS14L Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS14L Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS14L Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS14L Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS14L SOD-123(1206)
1/ 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
SURFACE MOUNTSCHOTTKY RECTIFIERS
Reverse Voltage - 40V
Forward Current - 1.0 A
FEATURES
Guard Ring Die Construction forTransient Protection
High Surge Capability
Low power loss, high efficiency
High Current Capability and Low ForwardVoltage Drop
LeadfreeincomplywithEURoHS2011/65/EUdirectives
MECHANICAL DATA
Case:SOD-123(1206)
Terminals: Solderable per MIL-STD-750, Method2026
Approx. Weight: 14mg /0.0005oz
Pinning
1.Cathode
2.Anode
1
2
SOD-123(1206)
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbols
SS14L
Units
Peak Repetitive Reverse VoltageWorking Peak Reverse VoltageDC Blocking
Voltage
VRRM
VRWM
VR
40
V
RMS Reverse Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Average Forward Current @ TT = 119°C
IF(AV)
1.0
A
Non-Repetitive Peak Forward Surge Current 8.3mssingle half sine-
wavesuperimposed on rated load(JEDEC Method)
IFSM
40
A
Operating junction temperature range
Tj
125
°C
Storage temperature range
Tstg
- 55 to +150
°C
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbols
SS14L
Units
Reverse Breakdown Voltage
Ta=25°C,IR=20uA
V(BR)R
40
V
Forward Voltage
IF=0.5A,Ta=25℃
IF=1A,Ta=25℃
VF
0.45
0.50
V
Leakage Current
VR=40V,TA=25℃
VR=40V,TA=100℃
IR
20
6.0
uA
Total Capacitance
VR=10V,f=1.0MHZ
CT
60
pF
Marking Code
SS14L
F04


Similar Part No. - SS14L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS14L TSC-SS14L Datasheet
50Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS14L SSC-SS14L Datasheet
232Kb / 3P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SS14L PANJIT-SS14L Datasheet
84Kb / 3P
LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
SS14L TSC-SS14L Datasheet
545Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS14L TSC-SS14L Datasheet
204Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS14L

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL54F YFWDIODE-SSL54F Datasheet
195Kb / 3P
Surface MountSchottky Barrier Rectifier
DS32W YFWDIODE-DS32W Datasheet
84Kb / 3P
Surface MountSchottky Barrier Rectifier
SS52BF YFWDIODE-SS52BF Datasheet
164Kb / 3P
Surface MountSchottky Barrier Rectifier
PS14 YFWDIODE-PS14 Datasheet
430Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
PS14S YFWDIODE-PS14S Datasheet
570Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SS12 YFWDIODE-SS12_V01 Datasheet
542Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SS22 YFWDIODE-SS22_V01 Datasheet
490Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SS32 YFWDIODE-SS32_V02 Datasheet
493Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SSU24S YFWDIODE-SSU24S Datasheet
484Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com