Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS115 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SS115
Description  SURFACE MOUNTSCHOTTKY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SS115 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SS115 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS115 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SS115 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/ 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
SURFACE MOUNTSCHOTTKY RECTIFIERS
Reverse Voltage - 40V~200V
Forward Current - 1.0 A
FEATURES
Metal silicon junction, majority carrier conduction
Heatsink structure
Low power loss, high efficiency
Super Low VF Schottky barrier diodes
For use in low voltage, high frequency inverters, free wheeling,
and polarity protection applications
LeadfreeincomplywithEURoHS2011/65/EUdirectives
MECHANICAL DATA
Case:SOD-123(1206)
Terminals: Solderable per MIL-STD-750, Method2026
Approx. Weight: 15mg /0.0005oz
Pinning
1.Cathode
2.Anode
1
2
SOD-123(1206)
Absolute Maximum Ratings and Electrical characteristics
Ratings at25 ° ambient temperature unless otherwise specified.Single phase, half wave, 60Hz resistive or inductive load,
for capacitive load, derate by 20 %
Parameter
Symbols
SS12
SS14
SS16
SS18
SS110
SS115
SS120
Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
40
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
28
42
56
70
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
150
200
V
Maximum Average Forward Rectified Current
IF(AV)
1.0
A
Peak Forward Surge Current, 8.3ms Single Half Sine-
waveSuperimposed On Rated Load (JEDEC method)
IFSM
25
A
Maximum Instantaneous Forward Voltageat 1 A
VF
0.55
0..65
0.85
0.95
V
Maximum Instantaneous Reverse Current TA = 25°C
atRated DC Reverse Voltage TA = 100°C
IR
0.5
20
0.3
15
mA
Typical Junction Capacitance
(
1)
Cj
60
40
pF
Typical Thermal Resistance
(
2)
RθJA
120
°C/W
Operating Junction Temperature Range
Tj
150
°C
Storage Temperature Range
Tstg
-55 ~ +150
°C
(1)Measured at 1 MHz and applied reverse voltage of 4 V D.C
(2)P.C.B. mounted with 8 X 8mmcopper pad areas.
Marking Code
SS12
SK12
SS14
SK14
SS16
SK16
SS18
SK18
SS110
SK110
SS115
SK115
SS120
SK120
SOD123
SS12 THRU SS120
(1206)


Similar Part No. - SS115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS115 ETC-SS115 Datasheet
48Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
137Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
SS115 TSC-SS115 Datasheet
52Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SS115 SSC-SS115 Datasheet
195Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SS115 TSC-SS115 Datasheet
138Kb / 2P
1.0AMP Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS115

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS52F YFWDIODE-SS52F Datasheet
191Kb / 3P
Surface MountSchottky Barrier Rectifier
SSL54F YFWDIODE-SSL54F Datasheet
195Kb / 3P
Surface MountSchottky Barrier Rectifier
DS32W YFWDIODE-DS32W Datasheet
84Kb / 3P
Surface MountSchottky Barrier Rectifier
SS52BF YFWDIODE-SS52BF Datasheet
164Kb / 3P
Surface MountSchottky Barrier Rectifier
PS14 YFWDIODE-PS14 Datasheet
430Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
PS14S YFWDIODE-PS14S Datasheet
570Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SS14L YFWDIODE-SS14L Datasheet
425Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SS22 YFWDIODE-SS22_V01 Datasheet
490Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SS32 YFWDIODE-SS32_V02 Datasheet
493Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
SSU24S YFWDIODE-SSU24S Datasheet
484Kb / 3P
SURFACE MOUNTSCHOTTKY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com