Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASP-2111-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # ASP-2111-R
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ASP-2111-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  ASP-2111-R Datasheet HTML 1Page - M-System Co.,Ltd. ASP-2111-R Datasheet HTML 2Page - M-System Co.,Ltd. ASP-2111-R Datasheet HTML 3Page - M-System Co.,Ltd. ASP-2111-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: ASP
ASP SPECIFICATIONS
ES-2156 Rev.5 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Inductive
Load (Coil)
LOAD
Diode, Varistor or
CR Circuit
Inductive
Load (Coil)
Varistor or Spark
Quenching Circuit
U
LOAD
■ Relay Protection
• AC Powered
• DC Powered
*
*
Base Socket
*Relay status for output codes “1” & “4”, at power OFF.
INPUT
Integration
Waveform
Shaper
4
+
–
5
6
■ Dry Contact
Input Connection Examples
■ Voltage Pulse
U(+)
V(–)
POWER
7
8
Ry
10
11
9
Ry
2
3
1
SETPOINT
HYSTERESIS
(DEADBAND)
SETPOINT
HYSTERESIS
(DEADBAND)
H
L
C
SETPOINT 1
OUTPUT
H
L
C
SETPOINT 2
OUTPUT
S
Z
Comparator
Comparator
5
6
+
–
+
–
5
6
+
7.5kΩ
–
+
–
+7.5V
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com