Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATG-4121-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ATG-4121-R
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ATG-4121-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ATG-4121-R Datasheet HTML 1Page - M-System Co.,Ltd. ATG-4121-R Datasheet HTML 2Page - M-System Co.,Ltd. ATG-4121-R Datasheet HTML 3Page - M-System Co.,Ltd. ATG-4121-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: B3FP
B3FP SPECIFICATIONS
ES-7516 Rev.9 Page 1/4
https://www.m-system.co.jp/
Space-saving Two-wire Signal
Conditioners B3-UNIT
FREQUENCY TRANSMITTER
(field-configurable)
Functions & Features
• Converts the output from a pulse-type transducer
into a 4 – 20 mA DC signal
• DIP switch configurable input range
• Monitor terminals
• High-density mounting
mm (inch)
110.5
(4.35)
18 (.71)
106
(4.17)
MODEL: B3FP[1]
ORDERING INFORMATION
• Code number: B3FP[1]
Specify a code from below for [1].
(e.g. B3FP/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Orders will be shipped with default factory settings as
shown below.
• Factory default setting:
Input type: Voltage pulse
Frequency range: 0 – 1000 Hz
Pulse amplitude: 5 Vp-p
DC offset: 2.5 V
Pulse sensing: DC coupled
Noise filter: None
Detecting level: High (2 V)
INPUT – Field-selectable
Open collector
Voltage pulse
Two-wire current pulse
[1] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output
DIP/rotary switches: For input calibration
(Refer to the instruction manual)
Noise filter: Chattering protection filter selectable with DIP
switches (time constant 1 msec.)
Pulse sensing: DC coupled or capacitor coupled selectable
with DIP SW
INPUT SPECIFICATIONS
Measurable frequencies: 0 – 0.01 Hz through 100 kHz; Sine
waves with frequencies lower than 0.1 Hz cannot be
detected with capacitor coupling.
Pulse width time requirement: Min. 4 μsec. for both H and L
levels
DC offset: Selectable within the maximum voltage for
respective pulse amplitude setting.
(e.g. For the amplitude 2 Vp-p with the maximum voltage
10 V, DC offset can be as low as -9 V and as high as +9 V.)
Frequency offset: Selectable up to 50 % of the full-scale
frequency.
■ Open Collector
Sensing voltage/current: Approx. 2.5 V DC @ 1mA
Detecting levels: ≤ 750 Ω / 0.7 V for ON;
≥ 3.0 kΩ / 1.3 V for OFF
■ Voltage Pulse
Waveform: Square or sine
Input impedance: 10 kΩ min.
Input amplitude: Min. 0.1 V p-p, max. 200 Vp-p
Max. voltage between input terminals: 100 V
(Max. voltage across the input terminals: 70 V for conform
with EU Directive; 30 V rms, 42.4 V peak or 60 V DC for UL
approval)


Similar Part No. - ATG-4121-R

ManufacturerPart #DatasheetDescription
logo
VIA Technologies, Inc.
ATG-A600-1S08A1 VIA-ATG-A600-1S08A1 Datasheet
411Kb / 2P
Enterprise IoT Systems
ATG-A630-1D10A1 VIA-ATG-A630-1D10A1 Datasheet
438Kb / 2P
Enterprise IoT Systems
More results

Similar Description - ATG-4121-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AAC MSYSTEM-AAC Datasheet
125Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ACTA MSYSTEM-ACTA Datasheet
132Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ACTE MSYSTEM-ACTE Datasheet
133Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ACV MSYSTEM-ACV Datasheet
133Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ADN MSYSTEM-ADN Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ANR MSYSTEM-ANR Datasheet
124Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
APOT MSYSTEM-APOT Datasheet
124Kb / 3P
Limit Alarms (potentiometer adj.) A-UNIT
ARB MSYSTEM-ARB Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ASP MSYSTEM-ASP Datasheet
126Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
ATC MSYSTEM-ATC Datasheet
134Kb / 4P
Limit Alarms (potentiometer adj.) A-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com