Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVR1-GC-K Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CVR1-GC-K
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CVR1-GC-K Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CVR1-GC-K Datasheet HTML 1Page - M-System Co.,Ltd. CVR1-GC-K Datasheet HTML 2Page - M-System Co.,Ltd. CVR1-GC-K Datasheet HTML 3Page - M-System Co.,Ltd. CVR1-GC-K Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MODEL: CVR1
CVR1 SPECIFICATIONS
ES-1554 Rev.9 Page 3/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
5
6
7
8
2
1
11
10
50 (1.97)
107 (4.21)
136 (5.35)
[3.3 (.13)]
40 (1.57)
50 (1.97)
7.8 (.31)
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 (.18) dia.
MTG HOLE
25 (.98) deep
11–M3.5
SCREW
• When mounting, no extra space is needed between units.
3
9
4
TERMINAL ASSIGNMENTS unit: mm [inch]
7
8
2
1
11
10
3
9
4
INPUT RESISTOR
(model: REM)
5
6
Input shunt resistor attached
for current input.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
*
Base Socket
S
Z
*1. Input shunt resistor attached for current input.
*2. Only for power Input code M2.
INPUT
5
Input
Circuit
Servo
Amplifier
OUTPUT
R
6
9
10
U(+)
V(–)
POWER
7
8
11
M
MOTOR
1
2
3
Reference
Volt. Generetor
3
2
1
max.
min.
POTENTIOMETER
4
M
1
*
2
FE
In order to improve EMC performance, bond the FE terminal to ground.
Caution: This terminal is NOT a protective conductor terminal.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com