Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATG-5131-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # ATG-5131-R
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ATG-5131-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  ATG-5131-R Datasheet HTML 1Page - M-System Co.,Ltd. ATG-5131-R Datasheet HTML 2Page - M-System Co.,Ltd. ATG-5131-R Datasheet HTML 3Page - M-System Co.,Ltd. ATG-5131-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: B3FP
B3FP SPECIFICATIONS
ES-7516 Rev.9 Page 4/4
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
S
Z
Voltage
Amplifier
Digital
Computation
Waveform
Shaper
Output
Driver
12
mA
MONITOR
4
5
6
+
LOAD
11
10
OUTPUT
24 V DC
4 – 20 mA DC
+
INPUT
*Input shunt resistor incorporated for two-wire current pulse input.
*
INPUT RANGE
SELECTOR DIP SW
FREQUENCY SW
■ Open Collector
■ Two-wire Current Pulse
Input Connection Examples
■ Voltage Pulse
4
5
+
• External DC Supply
4
5
2-WIRE
PICK-UP
+
+
DC SUPPLY
200 Ω
4
5
+
2.4 kΩ
2.5 V
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com