Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATG-7143-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # ATG-7143-R
Description  Limit Alarms (potentiometer adj.) A-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ATG-7143-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  ATG-7143-R Datasheet HTML 1Page - M-System Co.,Ltd. ATG-7143-R Datasheet HTML 2Page - M-System Co.,Ltd. ATG-7143-R Datasheet HTML 3Page - M-System Co.,Ltd. ATG-7143-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: B3FP
B3FP SPECIFICATIONS
ES-7516 Rev.9 Page 2/4
https://www.m-system.co.jp/
Detecting level: See the table below
■ Two-wire Current Pulse
Input resistance: Receiving resistor 200 Ω
Input range: 0 – 25 mA
Detecting level: See the table below
(Convert current into voltage using the receiving resistor
value.)
DETECTING LEVEL
PULSE AMPLITUDE
0.1 – 2 Vp-p 2 – 10 Vp-p 10 – 200 Vp-p
Zero-cross
0V
0V
0V
Low level
45mV
60mV
300mV
Middle level
200mV
400mV
2V
High level
1V
2V
10V
DETECTING LEVEL
DEADBAND
Zero-cross
±15% of Amplitude, ≥45mV*
Low level
±15% of Amplitude, ≥40mV*
Middle level
±15% of Amplitude, ≥80mV*
High level
±40% of Detecting Level
* Minimum deadband required for the amplitude 0.1 – 2 Vp-p.
100V max.
Amplitude
Vinp-p
t
Volts
DC Offset Detecting Level
VH
VL
■ VOLTAGE PULSE WAVEFORM
OUTPUT SPECIFICATIONS
Output: 4 – 20 mA DC
Load resistance vs. supply voltage:
Load Resistance (Ω) = (Supply Voltage (V) – 12 (V)) ÷ 0.02
(A)
(including leadwire resistance)
10 12
20
30
40
45
0
200
400
600
800
1000
1200
1400
1600
1650
SUPPLY VOLTAGE [V ]
(600Ω maximum at 24V DC)
INSTALLATION
Supply voltage: 12 – 45 V DC
Operating temperature:
-40 to +85°C (-40 to +185°F)
Max. 55°C (131°F) for UL approval
Operating humidity: 0 to 95 %RH (non-condensing)
Mounting: DIN rail
Weight: 80 g (2.8 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 % (±0.3 % for frequencies below 10 Hz for
sine waves detected with capacitor coupling)
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: Max. 0.5 sec. + 1 pulse cycle (0 – 90 %)
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to ground)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
Approval:
UL/C-UL general safety requirements
(UL 61010-1, CAN/CSA-C22.2 No.1010-1)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com