Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVR1-CA-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # CVR1-CA-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CVR1-CA-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  CVR1-CA-R Datasheet HTML 1Page - M-System Co.,Ltd. CVR1-CA-R Datasheet HTML 2Page - M-System Co.,Ltd. CVR1-CA-R Datasheet HTML 3Page - M-System Co.,Ltd. CVR1-CA-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: CVR1
CVR1 SPECIFICATIONS
ES-1554 Rev.9 Page 1/4
https://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
DC/POTENTIOMETER CONVERTER
Functions & Features
• Converting a DC input into a potentiometer resistance
• Permissible wattage 1 W
Typical Applications
• Remote setting for inverters
• Remote setting for Honeywell's Modutrol motors
• Remote setting for various instruments with
potentiometer settings
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: CVR1–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: CVR1-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. CVR1-AH-M2/CE)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
Voltage
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
[2] OUTPUT
A: 135 Ω
B: 1 kΩ
C: 100 Ω
D: 200 Ω
E: 500 Ω
F: 2 kΩ
G: 5 kΩ
H: 10 kΩ
I: 20 kΩ
J: 50 kΩ
K: 100 kΩ
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
K: 85 – 132 V AC
(Operational voltage range 85 – 132 V, 47 – 66 Hz)
(CE not available)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
Standards & Approvals
blank: Without CE
/CE: CE marking
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Deadband: Automatically adjusted from 0.1 to 2 % of span
to avoid hunting
Output delay: Approx. 0.5 sec. from an input change to the
output in order to protect the internal motor; when the input
continuously or repeatedly changes, there is approx. 3-sec.
delay after the output becomes steady and then resumes
changing.
Isolation
Power input code K, R:
Input to to output to power
Power input code M2:
Input to to output to power to FE
Zero adjustment: -20 to +20 % (input) (front)
Span adjustment: 80 to 120 % (input) (front)
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)


Similar Part No. - CVR1-CA-R

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
CVR1 RADIOMETRIX-CVR1 Datasheet
486Kb / 9P
Low Cost Narrow Band VHF receiver
logo
Infinite Electronics In...
CVR15F L-COM-CVR15F Datasheet
98Kb / 1P
DATA CABLING
REV.E
CVR15M L-COM-CVR15M Datasheet
98Kb / 1P
DATA CABLING
REV.E
More results

Similar Description - CVR1-CA-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com