Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-5A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # CT-5A-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CT-5A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  CT-5A-R Datasheet HTML 1Page - M-System Co.,Ltd. CT-5A-R Datasheet HTML 2Page - M-System Co.,Ltd. CT-5A-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: CT
CT SPECIFICATIONS
ES-1911-CE Rev.10 Page 3/3
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
3
4
5
6
2
1
8
7
50 [1.97]
107 [4.21]
127 [5]
(3.3 [.13])
40 [1.57]
50 [1.97]
7.8 [.31]
CLAMP
(top & bottom)
DIN RAIL
35mm wide
2–4.5 [.18] dia.
MTG HOLE
15 [.59] deep
8–M3.5
SCREW
• When mounting, no extra space is needed between units.
TERMINAL ASSIGNMENTS unit: mm [inch]
5
6
2
1
8
7
3
4
CT PROTECTOR
(model: CTM)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
Base Socket
S
Z
R.M.S.
Operation
Output
Driver
OUTPUT
5
6
1
U(+)
V(–)
POWER
7
8
INPUT
TRANSFORMER
2
3
4
LOAD
SOURCE
k
l
CT
L
K
CT PROTECTOR
model: CTM
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com