Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVR1-FG-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # CVR1-FG-R
Description  Plug-in Signal Conditioners M-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

CVR1-FG-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  CVR1-FG-R Datasheet HTML 1Page - M-System Co.,Ltd. CVR1-FG-R Datasheet HTML 2Page - M-System Co.,Ltd. CVR1-FG-R Datasheet HTML 3Page - M-System Co.,Ltd. CVR1-FG-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL: CVR1
CVR1 SPECIFICATIONS
ES-1554 Rev.9 Page 2/4
https://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
Output: 3-wire potentiometer
Operational range: Approx. 3 – 97 % of total resistance
Maximum permissible wattage: 1 W (across the terminals 1
– 3)
Mechanical life: 150,000 cycles
INSTALLATION
Power consumption
•AC: Approx. 4 VA
•DC: Approx. 3 W
Operating temperature: -5 to +40°C (23 to 104°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of total resistance
Minimum deadband: ±0.2 % (when input signal has been
steady for 2 minutes)
Linearity: ±1 % (includes nonlinearity, hysteresis and
deadband)
Note: The deadband is automatically adjusted.
The deadband broadens when the input-signal changes
frequently.
Slidewire accuracy: ±5 % of rating
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Temp. coefficient of slidewire: ±50 PPM/°C (±28 PPM/°F)
Response time: Approx. 5 sec. (0 – 100 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
Power input code K, R:
1000 V AC @ 1 minute (input to output)
2000 V AC @ 1 minute (input or output to power)
Power input code M2:
500 V AC @ 1 minute (input to FE)
1000 V AC @ 1 minute (input or FE to output)
2000 V AC @ 1 minute (input or output or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com