Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL01-2AB04 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # LL01-2AB04
Description  RELAY VERSION
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

LL01-2AB04 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  LL01-2AB04 Datasheet HTML 1Page - TE Connectivity Ltd LL01-2AB04 Datasheet HTML 2Page - TE Connectivity Ltd LL01-2AB04 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LL-01 SERIES
– RELAY VERSION
SENSOR SOLUTIONS /// LL-01 Relay
06/2017
Page 2
PERFORMANCE SPECIFICATIONS
Parameter
Typical Value
Parameter
Typical Value
Repeatability
2 mm or better
Sensor Material
316L Stainless Steel
Delay
0.5 seconds
Temperature
-20 to +176° F (-29 to 80 °C)
Input Power
5 to 30 VDC
Operating Pressure
Up to 250 psig (1724 Kpa)
Leakage Current
Less than 50 μA
Mounting
1/4” NPT or 1/2” NPT
Output (standard)
Mechanical Relay: 0.5 A, 10 W
max; SPST (normally open)
Cable Length
1, 4, 10, & 20 foot lengths
available
MECHANICAL DIMENSIONS in inches [mm]
Figure 1: Left - LL-
01 series element with ¼” NPT sensor mounting
Right - LL-
01 series element with ½” NPT sensor mounting
TYPICAL WIRING DIAGRAM
Relay Output
Figure 2: Typical wiring diagram for LL-01 series elements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com