Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL8 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # DL8
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL8 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  DL8 Datasheet HTML 1Page - M-System Co.,Ltd. DL8 Datasheet HTML 2Page - M-System Co.,Ltd. DL8 Datasheet HTML 3Page - M-System Co.,Ltd. DL8 Datasheet HTML 4Page - M-System Co.,Ltd. DL8 Datasheet HTML 5Page - M-System Co.,Ltd. DL8 Datasheet HTML 6Page - M-System Co.,Ltd. DL8 Datasheet HTML 7Page - M-System Co.,Ltd. DL8 Datasheet HTML 8Page - M-System Co.,Ltd. DL8 Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MODEL: DL8
DL8 SPECIFICATIONS
ES-7691 Rev.18 Page 2/9
https://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Connection
•Power supply (exc. supply), RUN contact output:
Tension clamp terminal (Front Twin connection)
Unit side connector: MSTB2,5/5-GF-5,08AU
Cable side connector: TFKC2,5/5-STF-5,08AU
(Applicable wire size: 0.2 - 2.5 mm2, stripped length 10
mm)
Recommended solderless terminal
AI0,25-10YE 0.25 mm2 (Phoenix Contact)
AI0,34-10TQ 0.34 mm2 (Phoenix Contact)
AI0,5-10WH 0.5 mm2 (Phoenix Contact)
AI0,75-10GY 0.75 mm2 (Phoenix Contact)
AI1-10RD 1.0 mm2 (Phoenix Contact)
AI1,5-10BK 1.5 mm2 (Phoenix Contact)
AI2,5-10BU 2.5 mm2 (Phoenix Contact)
•Ethernet: RJ-45 connector
•Internal bus, internal power, exc. supply: Connector
Housing material: Flame-resistant resin (gray)
Max. number of I/O modules: 16
(Max. consumption current of I/O modules: 1.6 A)
Isolation: Ethernet to internal bus or internal power or
power supply (exc. supply) to RUN contact output to FE
(No isolation between discrete input/output and power
supply of the I/O modules when used with the DL8.)
Calendar clock: Year (4 digits), month, date, day, hour,
minute, second
Status indicator LED: POWER, LOGGING, SD CARD, SEND,
COM, ERROR
RUN contact output: Photo MOSFET relay (no polarity);
(OFF in error detected)
•Peak load voltage: 50 V max.
•Continuous load current: 50 mA max.
•Peak load current: 300 mA max. (≤0.1 sec.)
•Operation
Power down: OFF
Firmware operating: ON
Error in Ethernet LNK: OFF
Internal bus error: OFF
SD card writing error: OFF
(Run contact output is applicable for Type C with the DL8
firmware version 1.4.x or later.)
ETHERNET COMMUNICATION
Communication Standard: IEEE 802.3u
Transmission: 10BASE-T, 100BASE-TX
Baud rate: 10/100 Mbps (Auto Negotiation function)
Protocol: TCP/IP, Modbus/TCP, SLMP, HTTP, HTTPS, FTP,
FTPS, SMTP, SNTP
Transmission media: 10BASE-T (STP, Category 5), 100BASE-
TX (STP, Category 5e)
Max. length of fieldbus segment: 100 meters
Ethernet indicator LED: DPLX, LNK
IP address: 192.168.0.1 (factory setting)
INSTALLATION
Power consumption
•DC: Approx. 12 W 24 V DC (@ internal power max. current
1.6 A)
Internal power supply (power supply for I/O module):
• DC power supply: 5 V DC
• Current capacity: 1.6 A
Excitation supply output (excitation for I/O module)
•DC: 24 V DC ±10 %
•Operational current: 7 A
(From power supply (exitation supply) connector, via
connector for internal bus, supplied to each I/O module.
Power output current consumption must be under
operational current.)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 190 g (0.42 lb)
PERFORMANCE
Battery: Vanadium-lithium secondary battery
(undetachable)
Calendar clock accuracy: Monthly deviation 2 minutes at
25°C
Battery backup: Approx. 2 months
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (Ethernet to
internal bus or internal power or power supply (exc. supply)
to RUN contact output to FE)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com