Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL30-G-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # DL30-G-R
Description  WEB-ENABLED REMOTE TERMINAL UNIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DL30-G-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button DL30-G-R Datasheet HTML 3Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 4Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 5Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 6Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 7Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 8Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 9Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 10Page - M-System Co.,Ltd. DL30-G-R Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MODEL: DL30
DL30 SPECIFICATIONS
ES-8571 Rev.6 Page 10/11
https://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
Devices other than the DL30 in the configuration below shall be provided by the user.
ISP
3G
LTE (Long-Term Evolution) : Enhancement of the third generation
: Internet Service Provider
: Third generation of mobile telecommunications technology
■ On-site Monitoring
(web browser)
■ Data transer/deletion
■ On-site Monitoring
(web browser)
■ On-site Monitoring
(web browser)
■ Web server
■ Data accumulation
■ Data transfer
Note: To use the event reporting e-mail function, an e-mail account from an internet service provider is required.
To monitor via the internet, you need to have a fixed IP address, or use dynamic DNS service.
As to types of mobile router to be used with, consult M-System.
PC
3G/LTE Mobile Line
ADSL/Optical
Ethernet
Mobile
Router
■ On-site Monitoring
SCADA system
PC
■ Web server
■ Data accumulation
■ Modbus master
■ Modbus slave
■ FTP client
■ SLMP master
ADSL/Optical
Web (Internet, VPN, Cloud Server)
Network Module
(model: R3-NE1)
Ethernet
RS-485
I/O
I/O
I/O
ADSL/Optical Modem
Router
Wi-Fi
Router
■ Web server
■ Data accumulation
Web Data Logger
(model: DL30)
I/O
Web Data Logger
(model: DL30)
I/O
Web Data Logger
(model: DL30)
3G/LTE Mobile Line
ISP
ISP
ISP
ISP
ISP
Ethernet/RS-485 Adaptor
(model: GR8-EM)
Multi Power Monitor
(model: 54U)
Mitsubishi
programmable-controller
MELSEC iQ-R series
Tablet
Tablet



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com