Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAMCL01 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # FAMCL01
Description  Remote I/O FAM Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

FAMCL01 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  FAMCL01 Datasheet HTML 1Page - M-System Co.,Ltd. FAMCL01 Datasheet HTML 2Page - M-System Co.,Ltd. FAMCL01 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: FAMCL-01
FAMCL-01 SPECIFICATIONS
ES-9031 Rev.4 Page 1/3
https://www.m-system.co.jp/
Remote I/O FAM Series
CC-Link MASTER MODULE
(Yokogawa Electric PLC use)
30
(1.18)
102
(4.02)
mm (inch)
118
(4.65)
MODEL: FAMCL-01
ORDERING INFORMATION
• Code number: FAMCL-01
RELATED PRODUCTS
• Yokogawa Electric PLC: FA-M3V
Recommended CPU module: F3SP71-4S, F3SP76-7S,
F3SP22
• Configurator software (model: FAMCLCFG)
Configurator software downloadable at M-System’s web
site. In order to use FAMCLCFG, YOKOGAWA Electric
Corporation 'WideField3' (R.3.02 or later) is required. FAMCL
-01 and a PC are connected through the CPU unit of FA-M3V.
PACKAGE INCLUDES...
• Terminating resistor 110Ω (0.5W): 2 pcs.
GENERAL SPECIFICATIONS
Connection
CC-Link: Separable tension clamp terminal
Cable connector: TFMC1,5 / 5–STF–3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE 0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
• AI0,5−10WH 0.5 mm2 (Phoenix Contact)
• AI0,75−10GY 0.75 mm2 (Phoenix Contact)
• A1−10 1.0 mm2 (Phoenix Contact)
• A1,5−10 1.5 mm2 (Phoenix Contact)
Internal bus: Via the Installation Base
Internal Power: Via the Installation Base
Max. installable module: 2
Installable unit: Main unit and sub unit
Isolation: CC-Link or FG to internal bus or internal power
Status indicator LEDs:
• RDY, RUN, LRUN, SD, RD: Green LED
• ERR, LERR: Red LED
CC-Link COMMUNICATION
CC-Link: Ver. 1.10/2.00
Master function: Master station (local station, standby
master station not supported)
Station address: 00 (Use with '00'. Works as '00' even set to
other than '00'.)
Supported slave station:
Remote I/O station
Remote device station (Ver. 1.10)
Remote device station (Ver. 2.00)
Intelligent device station, local station not supported
Max. number of units connected:
64 (Remote I/O station)
42 (Remote device station)
Max. number of link points:
RX: 8192 (Data unit: bit)
RY: 8192 (Data unit: bit)
RWr: 2048 (Data unit: word)
Rww: 2048 (Data unit: word)
Protocol: CC-Link Ver. 1.10 conformed
Network topology: Multi-drop
Max. overall cable extension length:
100 m (10 Mbps), 160 m (5 Mbps),
400 m (2.5 Mbps), 900 m (625 kbps),
1200 m (156 kbps)
Transmission media: CC-Link Ver. 1.10 compatible cable
Operational station: Master station
Operational mode: On-line mode
Communication mode: Cyclic transmission
Baud rate: 156 kbps, 625 kbps, 2.5 Mbps, 5 Mbps, 10 Mbps,
set with rotary switch
Slave station settings: With configurator software (model:
FAMCLCFG)
INSTALLATION
Current consumption: 600 mA @ 5V DC
Operating temperature: 0 to 55°C (32 to 131°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Installation Base Module (model: F3BUxx-0N or
F3BU05-0D)


Similar Part No. - FAMCL01

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAMCL-01 MSYSTEM-FAMCL-01 Datasheet
155Kb / 3P
Remote I/O FAM Series
More results

Similar Description - FAMCL01

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAMCL-01 MSYSTEM-FAMCL-01 Datasheet
155Kb / 3P
Remote I/O FAM Series
MPHLS MSYSTEM-MPHLS Datasheet
194Kb / 5P
Remote I/O MP Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-RSA MSYSTEM-R5-RSA Datasheet
123Kb / 3P
Remote I/O R5 Series
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com