Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR8-EM-D-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # GR8-EM-D-R
Description  Communication Adaptor GR8 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

GR8-EM-D-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  GR8-EM-D-R Datasheet HTML 1Page - M-System Co.,Ltd. GR8-EM-D-R Datasheet HTML 2Page - M-System Co.,Ltd. GR8-EM-D-R Datasheet HTML 3Page - M-System Co.,Ltd. GR8-EM-D-R Datasheet HTML 4Page - M-System Co.,Ltd. GR8-EM-D-R Datasheet HTML 5Page - M-System Co.,Ltd. GR8-EM-D-R Datasheet HTML 6Page - M-System Co.,Ltd. GR8-EM-D-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: GR8-EM
GR8-EM SPECIFICATIONS
ES-8621 Rev.8 Page 5/7
https://www.m-system.co.jp/
■ TERMINATING RESISTOR SW
• Terminating resistor
TERM
INCORPORATED TERMINATING RESISTOR
OFF
Disabled
ON (*)
Enabled
(*)Factory default setting
■ RS-485 CONNECTOR TERMINAL ASSIGNMENT
Unit side connector: MC1,5/5-GF-3,5
(Phoenex Contact)
Cable side connector: TFMC1,5/5-STF-3,5
(Phoenex Contact)
No.
ID
FUNCTION
5
FE
FE
4
SH
SHIELD
3
DG
DG
2
DB
DB
1
DA
DA
5
4
3
2
1
1
2
3
■ POWER SUPPLY TERMINAL ASSIGNMENT
Unit side connector: MSTB2,5/3-G
(Phoenex Contact)
Cable side connector: MSTB2,5/3-ST
(Phoenex Contact)
No.
ID
FUNCTION
1
(+)
Power supply 24V (+)
2
(–)
Power supply 24V (–)
3
FE1
Power supply earth
COMMUNICATION CABLE CONNECTIONS
DA
DB
DG
SH
FE
GR8-EM
DA
DB
DG
SLD
FG
RS-485 devices
Terminating
Resistor
*
* Turn the terminating resistor SW “ON” to use the incorporated terminating resistor.
EXTERNAL DIMENSIONS unit: mm [inch]
[4 (.16)]
[5 (.20)]
73 (2.87)
55 (2.17)
73 (2.87)
55 (2.17)
3 (.12)
■ COUPLED WITH DL8
■ SINGLE USE
1
24 (.94)
3 (.12)
24 (.94)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com