Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDC4-L-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # HDC4-L-R
Description  DC POWER SUPPLY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

HDC4-L-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  HDC4-L-R Datasheet HTML 1Page - M-System Co.,Ltd. HDC4-L-R Datasheet HTML 2Page - M-System Co.,Ltd. HDC4-L-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: HDC4
http://www.m-system.co.jp/
HDC4 SPECIFICATIONS
ES-3497 Rev.5 Page 2/3
CONNECTION DIAGRAM
1
2
3
4
5
+
FG
V
U
POWER INPUT
OUTPUT VOLTAGE
24V DC
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
■ RACK MOUNTING
1
2
3
4
5
36 (1.42)
8.5 (.33)
126 (4.96)
25 (.98)
TERMINAL
COVER
5–M4 SCREW
OUTPUT VOLTAGE ADJ.
2–4 (.12) dia. MTG HOLE
■ DIN RAIL MOUNTING
1
2
3
4
5
40 (1.57)
5 (.20)
130 (5.12)
20 (.79)
5–M4 SCREW
OUTPUT VOLTAGE ADJ.
TERMINAL COVER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com