Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2RS-51-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # F2RS-51-R
Description  Super-mini Signal Conditioners F2 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

F2RS-51-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  F2RS-51-R Datasheet HTML 1Page - M-System Co.,Ltd. F2RS-51-R Datasheet HTML 2Page - M-System Co.,Ltd. F2RS-51-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: F2RS
F2RS SPECIFICATIONS
ES-5413 Rev.6 Page 1/3
http://www.m-system.co.jp/
Super-mini Signal Conditioners F2 Series
RTD TRANSMITTER
Functions & Features
• Accepting direct input from an RTD and providing
a standard process signals
• Linearization
• Burnout protection
• "Active bridge" circuit containing two constant current
sources allows large leadwire resistances up to 200 Ω
• Fast response type available
• High-density mounting
Typical Applications
• Long distance transmission between the RTD and the
transmitter
• Combination with intrinsic safety barriers
22.5 (.89)
75
(2.95)
mm (inch)
107
(4.21)
MODEL: F2RS-[1][2]-R[3]
ORDERING INFORMATION
• Code number: F2RS-[1][2]-R[3]
Specify a code from below for each of [1] through [3].
(e.g. F2RS-4A-R/BL)
• Temperature range (e.g. 0 – 500°C)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT RTD (2- or 3-wire)
1: JPt 100 (JIS'89)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 50°C, 90°F)
3: Pt 100 (JIS'89)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 50°C, 90°F)
4: Pt 100 (JIS'97, IEC)
(Usable range: -200 to +650°C, -328 to +1202°F; min.span: 50°C, 90°F)
5: Pt 50 Ω (JIS'81)
(Usable range: -200 to +500°C, -328 to +932°F; min.span: 100°C, 180°F)
6: Ni 508.4 Ω
(Usable range: -50 to +200°C, -58 to +392°F; min.span: 30°C, 54°F)
0: Specify
Note: Consult M-System for 2-wire RTD
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS (multiple selections)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast Response (Approx. 25 msec.)
Burnout
blank: Upscale burnout
/BL: Downscale burnout
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating


Similar Description - F2RS-51-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
F2AP MSYSTEM-F2AP Datasheet
108Kb / 3P
Super-mini Signal Conditioners F2 Series
F2D MSYSTEM-F2D Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2DL MSYSTEM-F2DL Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2DY MSYSTEM-F2DY Datasheet
93Kb / 2P
Super-mini Signal Conditioners F2 Series
F2FL MSYSTEM-F2FL Datasheet
96Kb / 2P
Super-mini Signal Conditioners F2 Series
F2PP MSYSTEM-F2PP Datasheet
108Kb / 3P
Super-mini Signal Conditioners F2 Series
F2SN MSYSTEM-F2SN Datasheet
103Kb / 3P
Super-mini Signal Conditioners F2 Series
F2TS MSYSTEM-F2TS Datasheet
99Kb / 3P
Super-mini Signal Conditioners F2 Series
F2VF MSYSTEM-F2VF Datasheet
96Kb / 3P
Super-mini Signal Conditioners F2 Series
F2VS MSYSTEM-F2VS Datasheet
96Kb / 3P
Super-mini Signal Conditioners F2 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com