Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-7A2-R Datasheet(PDF) 31 Page - M-System Co.,Ltd.

Part # DLA1-7A2-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-7A2-R Datasheet(HTML) 31 Page - M-System Co.,Ltd.

Back Button DLA1-7A2-R Datasheet HTML 25Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 26Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 27Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 28Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 29Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 30Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 31Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 32Page - M-System Co.,Ltd. DLA1-7A2-R Datasheet HTML 33Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 31/33
http://www.m-system.co.jp/
PERFORMANCE
Accuracy: ±10 mV
Temp. coefficient: ±1.5 mV/°C (±0.9 mV/°F)
Multi-transmission time: 12 msec.
Input read time
Analog: 300 msec. per 8 points
Contact: 3 msec. per 8 points
Output time
Analog: 200 msec. per 8 points
Contact: 8 msec. per 8 points for OFF to ON
3 msec. per 8 points for ON to OFF
EXTERNAL VIEW
40-pin Connector
Terminal Block
Modular Jack
I/O CPU
RUN Indicator
Contact I/O
Indicator LED
CONNECTION DIAGRAM
■ I/O
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
Ai 5
Ai 4
Ai 3
Ai 2
Ai 1
+
–
COM1(–)
COM1(–)
Ai 8
Ai 7
Ai 6
Ao 5
Ao 4
Ao 3
Ao 2
Ao 1
COM1(–)
COM1(–)
Ao 8
Ao 7
Ao 6
Di 5
Di 4
Di 3
Di 2
Di 1
COM1(–)
COM1(–)
Di 8
Di 7
Di 6
COM2(–)
Do 4
Do 3
Do 2
Do 1
COM3(–)
Do 8
Do 7
Do 6
Do 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com