Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-1C1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # DLA1-1C1-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-1C1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  DLA1-1C1-R Datasheet HTML 1Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 2Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 3Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 4Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 5Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 6Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 7Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 8Page - M-System Co.,Ltd. DLA1-1C1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 5/33
http://www.m-system.co.jp/
2. LONG DISTANCE TRANSMISSION
A) Twisted-pair transmission between point A to point B:
3 kilometers at maximium between two points when 3 units are mounted closely side by side at each point.
With each additional unit, the distance is reduced by 100 meters.
B) Twisted-pair cable between 6 points (special case of 1-D)
2 kilometers at maximum with twisted-pair cable between each point.
4 sections at maximum with fiber optics; 1 kilometer at maximum for each section. Total distance within 10 kilometers.
7
1
T.P
2 km max.
1 & 7
T.P.
F.O.
:
TRANSMISSION MEDIA CODE
: TWISTED-PAIR CABLE
: FIBER OPTICS CABLE
F.O.
3
1
4
2
7
7
7
7
7
7
7
1
*
*
*
*
*
*
*
*
*
*
T.P
F.O.
T.P
F.O.
T.P
F.O.
T.P
POINT A
POINT F
POINT B
POINT C
POINT D
POINT E
1
POINT A
3 km max.
1
: TRANSMISSION MEDIA CODE
No. 1
2
3
4
5
6
1
1
1
1
1
*
*
POINT B
* Marked units are located at the end of transmission line via twisted-pair cable. Short across the terminals 6 – 7 with the jumper pin provided
with the units.
3. INTERSECTION
When units cannot be connected in serial, use a pair of units of code"7" at the intersection (marked with *) or model DAL4.
( )
( )
( )
( )
7
F.O.
7
T.P.
T.P.
• BRANCHING VIA DAL4
• BRANCHING VIA DLA1
(detail of the intersection)
*
*
*
*
4. COMBINATION WITH MODEL DAL4
2 kilometers max. between two DAL4 units. 1 kilometer max. when there are other units between the DAL4 units.
Total number of DAL4 on the transmission line must be 6 units or less, with the total distance 10 kilometers max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com