Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLA1-2C1-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # DLA1-2C1-R
Description  Multiplex Transmission System
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

DLA1-2C1-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  DLA1-2C1-R Datasheet HTML 1Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 2Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 3Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 4Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 5Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 6Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 7Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 8Page - M-System Co.,Ltd. DLA1-2C1-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
MODEL: DLA1
DLA1 SPECIFICATIONS
ES-6510 Rev.9 Page 4/33
http://www.m-system.co.jp/
turn. One cycle time is therefore calculated as:
32 times × 1.5 msec. + 48 msec. = 96 msec.
This method is beneficial for giving a priority to contact signals which vary rapidly.
■ TRANSMISSION LINE CONFIGURATION
1. BASIC CONDITIONS
The multi-drop transmission line should fulfill the following conditions. Contact M-System's sales office or representatives
when designing.
A) 10 kilometers at maximum in total system.
B) Twisted-pair cable (code 1): a multi-drop section composed only of twisted-pair cable can have at maximum of
16 units within the total distance of 1 kilometer.
7
T.P
1 km max.
1 & 7
T.P.
F.O.
: TRANSMISSION MEDIA CODE
: TWISTED-PAIR CABLE
: FIBER OPTICS CABLE
F.O.
No. 1
2
3
. . . .
15
16
1
1
. . . .
1
1
*
*
7
P
.
T
P
.
T
2 & 7
T.P.
F.O.
: TRANSMISSION MEDIA CODE
: TWISTED-PAIR CABLE
: FIBER OPTICS CABLE
F.O.
F.O.
F.O.
F.O.
F.O.
No. 1
2
.
.
. .
5
2
2
. . .
2
7
7
*
*
*
C) Fiber optics cable (code 2): a system can have at maximum of 6 multi-drop sections composed only of fiber optics.
Insert a pair of units of code "7" for waveform shaping between each 5 units of code "2".
1 kilometer max. between each unit.
D) Twisted-pair & fiber optics (code 7): a transmission line can have at maximum of 8 units of code "7". Units of code "1"
and "2" can be mixed in each section within the above limitation.
7
P
.
T
P
.
T
T.P
T.P
7
T.P.
F.O.
:
TRANSMISSION MEDIA CODE
: TWISTED-PAIR CABLE
: FIBER OPTICS CABLE
.
O
.
F
.
O
.
F
F.O.
F.O.
No. 1
3
2
5
4
6
7
8
7
7
7
7
7
7
7
*
*
*
*
*
*
*
*
* Marked units are located at the end of transmission line via twisted-pair cable. Short across the terminals 6 – 7 with the jumper pin provided
with the units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com