Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHT8050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FHT8050
Description  Low Frequency Power Amplifier Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FHT8050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FHT8050 Datasheet HTML 1Page - List of Unclassifed Manufacturers FHT8050 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
广东肇庆风华新谷微电子有限公司
广东省肇庆市风华路 18 号风华电子工业城三号楼一楼
TEL:0758-2865088
2865091
FAX:0758-2849749
Page 0 of
*2005 年第 2 版* All Rights Reserved
3
Low Frequency Power Amplifier Transistors 低频功率放大三极管
NPN Silicon (FHT8050)
FEATURES 特点
· Low Frequency Power Amplifier 低频功率放大
· Suitable for Driver Stage of Small Motor 小马达驱动
· Complementary to FHTA8550 与 FHTA8550 互补
MAXIMUM RATINGS(Ta=25℃) 最大额定值
CHARACTERISTIC 特性参数
Symbol 符号
Rating 额定值
Unit 单位
Collector-Base Voltage 集电极-基极电压
V CBO
40
Vdc
Collector-Emitter Voltage 集电极-发射极电压
V CEO
25
Vdc
Emitter-Base Voltage 发射极-基极电压
V EBO
5.0
Vdc
Collector Current—Continuous 集电极电流-连续
Ic
800
mAdc
Base Current 基极电流
IB
160
mAdc
Collector Power Dissipation 集电极耗散功率
PC
300
mW
Junction Temperature 结温
Tj
150
℃
Storage Temperature Range 储存温度
Tstg
-55~150
℃
DEVICE MARKING 打标
hFE(1) FHT8050O=7O(85~200),FHT8050Y=7Y(160~300),FHT8050G=7G(280~360)
ELECTRICAL CHARACTERISTICS 电特性
(TA=25℃ unless otherwise noted 如无特殊说明,温度为 25℃)
Characteristic 特性参数
Symbol
符号
Test Condition
测试条件
Min
最小值
TYP
典型
Max
最大值
Unit
单位
Collector Cutoff Current 集电极截止电流
ICBO
VCB=30V,IE=0
—
—
0.1
μA
Emitter Cutoff Current 发射极截止电流
IEBO
VEB=5V,IC=0
—
—
0.1
μA
Collector-Base Breakdown Voltage
集电极-基极击穿电压
V(BR)CBO
IC=100μA
40
—
—
V
Collector-Emitter Breakdown Voltage
集电极-发射极击穿电压
V(BR)CEO
IC=10mA
25
—
—
V
Emitter-Base Breakdown Voltage
发射极-基极击穿电压
V(BR)EBO
IE=100μA
5
—
—
V
DC Current Gain 直流电流增益
hFE (1)
VCE=1V,IC=100mA
85
—
360
hFE (2)
VCE=1V,IC=800mA
40
—
—
—
Collector-Emitter Saturation Voltage
集电极-发射极饱和压降
V CE(sat)
IC=500mA,IB=50mA
—
—
0.6
V
Base-Emitter Voltage 基极-发射极电压
VBE
VCE=1V,IC=10mA
—
0.8
1.0
V
Transition Frequency 特征频率
fT
VCE=5V,IC=10mA
100
120
—
MHz
Collector Output Capacitance 输出电容
Cob
VCB=10V,IE=0,f=1MHz
—
13
30
pF


Similar Part No. - FHT8050

ManufacturerPart #DatasheetDescription
logo
RFE international
FHT800-16F RFE-FHT800-16F Datasheet
190Kb / 2P
Radial Leaded PPTC FHT Series: High Temperature, 125째C
logo
Fuzetec Technology Co.,...
FHT800-16F FUZETEC-FHT800-16F Datasheet
169Kb / 4P
Radial Leaded PTC Resettable Fuse : FHT Series
logo
RFE international
FHT800-16F RFE-FHT800-16F Datasheet
326Kb / 4P
Radial Leaded PTC Resettable Fuse
2021/04/06
More results

Similar Description - FHT8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA643 ETC-2SA643 Datasheet
82Kb / 2P
Transistors LOW FREQUENCY POWER AMPLIFIER
2SC1222 ETC-2SC1222 Datasheet
106Kb / 3P
Transistors LOW FREQUENCY LOW NOISE AMPLIFIER
logo
Hitachi Semiconductor
2SB856 HITACHI-2SB856 Datasheet
323Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SB1401 HITACHI-2SB1401 Datasheet
34Kb / 5P
Low frequency power amplifier
logo
Fairchild Semiconductor
KSC3488 FAIRCHILD-KSC3488 Datasheet
39Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
TA8229 UTC-TA8229 Datasheet
180Kb / 9P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1182 FAIRCHILD-KSA1182 Datasheet
58Kb / 4P
Low Frequency Power Amplifier
logo
Unisonic Technologies
UA1029 UTC-UA1029 Datasheet
131Kb / 7P
LOW FREQUENCY POWER AMPLIFIER
logo
Fairchild Semiconductor
KSD880Y FAIRCHILD-KSD880Y Datasheet
64Kb / 4P
Low Frequency Power Amplifier
KSD2058YTU FAIRCHILD-KSD2058YTU Datasheet
51Kb / 4P
Low Frequency Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com