Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16IMU4PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16IMU4PCBZ
Description  Precision MEMS IMU Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16IMU4PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16IMU4PCBZ Datasheet HTML 17Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 18Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 19Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 20Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 21Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 22Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 23Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 24Page - Analog Devices ADIS16IMU4PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADIS16467
Rev. C | Page 21 of 34
Table 42. TEMP_OUT Data Format Examples
Temperature (°C)
Decimal
Hex.
Binary
+105
+1050
0x041A
0000 0100 0001 1010
+25
+250
0x00FA
0000 0000 1111 1010
+0.2
+2
0x0002
0000 0000 0000 0010
+0.1
+1
0x0001
0000 0000 0000 0001
+0
0
0x0000
0000 0000 0000 0000
+0.1
−1
0xFFFF
1111 1111 1111 1111
+0.2
−2
0xFFFE
1111 1111 1111 1110
−40
−400
0xFE70
1111 1110 0111 0000
Time Stamp (TIME_STAMP)
Table 43. TIME_STAMP Register Definition
Addresses
Default
Access
Flash Backup
0x1E, 0x1F
Not applicable
R
No
Table 44. TIME_STAMP Bit Definitions
Bits
Description
[15:0]
Time from the last pulse on the SYNC pin; offset binary
format, 1 LSB = 49.02 μs
The TIME_STAMP register (see Table 43 and Table 44) works
in conjunction with scaled sync mode (Register MSC_CTRL,
Bits[4:2] = 010, see Table 105). The 16-bit number in TIME_
STAMP contains the time associated with the last sample in
each data update relative to the most recent edge of the clock
signal in the SYNC pin. For example, when the value in the
UP_SCALE register (see Table 107) represents a scale factor of
20, DEC_RATE = 0, and the external SYNC rate = 100 Hz, the
following time stamp sequence results: 0 LSB, 10 LSB, 21 LSB,
31 LSB, 41 LSB, 51 LSB, 61 LSB, 72 LSB, …, 194 LSB for the 20th
sample, which translates to 0 μs, 490 μs, …, 9510 μs, the time
from the first SYNC edge.
Data Update Counter (DATA_CNTR)
Table 45. DATA_CNTR Register Definition
Addresses
Default
Access
Flash Backup
0x22, 0x23
Not applicable
R
No
Table 46. DATA_CNTR Bit Definitions
Bits
Description
[15:0]
Data update counter, offset binary format
When the ADIS16467 goes through the power-on sequence or
when it recovers from a reset command, DATA_CNTR (see
Table 45 and Table 46) starts with a value of 0x0000 and
increments every time new data loads into the output registers.
When the DATA_CNTR value reaches 0xFFFF, the next data
update causes it to wrap back around to 0x0000, where it
continues to increment every time new data loads into the
output registers.
DELTA ANGLES
In addition to the angular rate of rotation (gyroscope)
measurements around each axis (x, y, and z), the ADIS16467 also
provides delta angle measurements that represent a calculation
of angular displacement between each sample update.
Δθz
Δθx
Δθy
Y-AXIS
X-AXIS
Z-AXIS
Figure 41. Delta Angle Axis and Polarity Assignments
The delta angle outputs represent an integration of the gyroscope
measurements and use the following formula for all three axes
(x-axis displayed):

1
0
1
,
,
,
2
1
D
d
d
D
n
x
d
D
n
x
S
D
n
x
f
where:
x
is the x-axis.
n
is the sample time, prior to the decimation filter.
D
is the decimation rate (DEC_RATE + 1, see Table 109).
fS
is the sample rate.
d
is the incremental variable in the summation formula.
ωX
is the x-axis rate of rotation (gyroscope).
When using the internal sample clock, fS is equal to a nominal
rate of 2000 SPS. For better precision in this measurement,
measure the internal sample rate (fS) using the data ready signal
on the DR pin (DEC_RATE = 0x0000, see Table 108), divide
each delta angle result (from the delta angle output registers) by
the data ready frequency and multiply it by 2000. Each axis of
the delta angle measurements has two output data registers.
Figure 42 shows how these two registers combine to support a
32-bit, twos complement data format for the x-axis delta angle
measurements. This format also applies to the y- and z-axes.
X-AXIS DELTA ANGLE DATA
X_DELTANG_OUT
X_DELTANG_LOW
BIT 0 BIT 15
BIT 15
BIT 0
Figure 42. Delta Angle Output Data Structure
Delta Angle Measurement Range
Table 47 shows the measurement range and scale factor for
each ADIS16467 model.
Table 47. Delta Angle Measurement Range and Scale Factor
Model
Measurement Range, ±ΔθMAX (°)
ADIS16467-1BMLZ
±360
ADIS16467-2BMLZ
±720
ADIS16467-3BMLZ
±2160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com