Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCK107AF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCK107AF
Description  TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK107AF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCK107AF Datasheet HTML 1Page - Toshiba Semiconductor TCK107AF Datasheet HTML 2Page - Toshiba Semiconductor TCK107AF Datasheet HTML 3Page - Toshiba Semiconductor TCK107AF Datasheet HTML 4Page - Toshiba Semiconductor TCK107AF Datasheet HTML 5Page - Toshiba Semiconductor TCK107AF Datasheet HTML 6Page - Toshiba Semiconductor TCK107AF Datasheet HTML 7Page - Toshiba Semiconductor TCK107AF Datasheet HTML 8Page - Toshiba Semiconductor TCK107AF Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TCK106AF/TCK107AF/TCK108AF
2015-12-29
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
-0.3 to 6.0
V
Control voltage
VCT
-0.3 to 6.0
V
Output voltage
VOUT
-0.3 to VIN +0.3
(Note1)
V
Output current
IOUT
DC
1.0
A
Pulse
1.5
(Note2)
Power dissipation
PD
200
(Note3)
mW
580
(Note4)
Operating temperature range
Topr
−40 to 85
°C
Junction temeperature
Tj
150
°C
Storage temperature
Tstg
−55 to 150
°C
Note : Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba
Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
Note 1: VIN +0.3 ≤ 6.0 V
Note 2: 1 ms pulse, 1% duty cycle
Note 3: Unit Rating
Note 4: Rating at mounting on a board (FR4 board: 25.4 mm x 25.4 mm x 1.6 mm)
Block Diagram
TCK106AF, TCK107AF
TCK108AF
Note 5: TCK107AF only
OUT
Control
Logic
V
IN
CONTROL
V
OUT
GND
Slew Rate
Control Driver
Control
Logic
V
IN
CONTROL
V
GND
Slew Rate
Control Driver
Output
Discharge (Note5)
Pull
Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com