Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD105 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPD105
Description  Photometric Front Ends
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD105 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPD105 Datasheet HTML 7Page - Analog Devices ADPD105 Datasheet HTML 8Page - Analog Devices ADPD105 Datasheet HTML 9Page - Analog Devices ADPD105 Datasheet HTML 10Page - Analog Devices ADPD105 Datasheet HTML 11Page - Analog Devices ADPD105 Datasheet HTML 12Page - Analog Devices ADPD105 Datasheet HTML 13Page - Analog Devices ADPD105 Datasheet HTML 14Page - Analog Devices ADPD105 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
Data Sheet
ADPD105/ADPD106/ADPD107
Rev. A | Page 11 of 66
Table 7. SPI Timing Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SPI PORT
SCLK
Frequency
fSCLK
10
MHz
Minimum Pulse Width
High
tSCLKPWH
20
ns
Low
tSCLKPWL
20
ns
CS
Setup Time
t
CSS
CS setup to SCLK rising edge
10
ns
Hold Time
t
CSH
CS hold from SCLK rising edge
10
ns
Pulse Width High
t
CSPWH
CS pulse width high
10
ns
MOSI
ns
Setup Time
tMOSIS
MOSI setup to SCLK rising edge
10
ns
Hold Time
tMOSIH
MOSI hold from SCLK rising edge
10
MISO Output Delay
tMISOD
MISO valid output delay from SCLK
falling edge
20
ns
CS
tCSS
tMOSIS
tMOSIH
tMISOD
tSCLKPWH
tSCLKPWL
tCSH
tCSPWH
SCLK
MISO
MOSI
Figure 4. SPI Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com