Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD1080 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPD1080
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1080 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPD1080 Datasheet HTML 9Page - Analog Devices ADPD1080 Datasheet HTML 10Page - Analog Devices ADPD1080 Datasheet HTML 11Page - Analog Devices ADPD1080 Datasheet HTML 12Page - Analog Devices ADPD1080 Datasheet HTML 13Page - Analog Devices ADPD1080 Datasheet HTML 14Page - Analog Devices ADPD1080 Datasheet HTML 15Page - Analog Devices ADPD1080 Datasheet HTML 16Page - Analog Devices ADPD1080 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Data Sheet
ADPD1080/ADPD1081
Rev. C | Page 13 of 74
ABSOLUTE MAXIMUM RATINGS
Table 8. ADPD1080 Absolute Maximum Rating
Parameter
Rating
AVDD to AGND
−0.3 V to +2.2 V
DVDD to AGND (LFCSP Only)
−0.3 V to +2.2 V
GPIOx to AGND (LFCSP Only)
−0.3 V to +2.2 V
DVDD to DGND (WLCSP Only)
−0.3 V to +2.2 V
GPIOx to DGND (WLCSP Only)
−0.3 V to +2.2 V
LEDXx to LGND
−0.3 V to +3.6 V
SCL, SDA to DGND
−0.3 V to +3.9 V
Junction Temperature
150°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
1500 V
Charged Device Model (CDM)
500 V
Machine Model (MM)
100 V
Table 9. ADPD1081 Absolute Maximum Rating
Parameter
Rating
VDD to AGND
−0.3 V to +2.2 V
VDD to DGND
−0.3 V to +2.2 V
GPIOx, MOSI, MISO, SCLK, CS to DGND
−0.3 V to +2.2 V
LEDXx to LGND
−0.3 V to +3.6 V
Junction Temperature
150°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
1500 V
Charged Device Model (CDM)
500 V
Machine Model (MM)
100 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the junction to ambient thermal resistance value, and θJC
is the junction to case thermal resistance value.
Table 10. Thermal Resistance
Package Type1
θJA
θJC
Unit
CP-28-5 (28-Lead LFCSP)
54.9
5.3
°C/W
CB-16-18 (16-Ball WLCSP)
60
0.5
°C/W
CB-17-1 (17-Ball WLCSP)
60
0.5
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P board and
2 thermal vias. See JEDEC JESD-51.
RECOMMENDED SOLDERING PROFILE
Figure 5 and Table 11 provide details about the recommended
soldering profile.
P
L
25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-UP
SMIN
TSMAX
P
L
Figure 5. Recommended Soldering Profile
Table 11. Recommended Soldering Profile
Profile Feature
Condition (Pb-Free)
Average Ramp Rate (TL to TP)
3°C/sec max
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time (TSMIN to TSMAX) (tS)
60 sec to 180 sec
TSMAX to TL Ramp-Up Rate
3°C/sec maximum
Time Maintained Above Liquidous
Temperature
Liquidous Temperature (TL)
217°C
Time (tL)
60 sec to 150 sec
Peak Temperature (TP)
+260 (+0/−5)°C
Time Within 5°C of Actual Peak
Temperature (tP)
<30 sec
Ramp-Down Rate
6°C/sec maximum
Time from 25°C to Peak Temperature
8 minutes maximum
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com