Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD1081 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPD1081
Description  Photometric Front Ends
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD1081 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPD1081 Datasheet HTML 28Page - Analog Devices ADPD1081 Datasheet HTML 29Page - Analog Devices ADPD1081 Datasheet HTML 30Page - Analog Devices ADPD1081 Datasheet HTML 31Page - Analog Devices ADPD1081 Datasheet HTML 32Page - Analog Devices ADPD1081 Datasheet HTML 33Page - Analog Devices ADPD1081 Datasheet HTML 34Page - Analog Devices ADPD1081 Datasheet HTML 35Page - Analog Devices ADPD1081 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
ADPD1080/ADPD1081
Data Sheet
Rev. C | Page 32 of 74
PD8
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
7
15
8
14
PD1
PD8
7
15
8
14
PD1
PD8
7
15
8
14
Figure 39. Photodiode Configuration Options for the ADPD1080 LFCSP
Table 22. Typical Photodiode Anode to Input Channel Connections for the ADPD1080 LFCSP1, 2
Input Channel
Photodiode Anode Configuration
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
Single Photodiode (PD1)
D1
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
D1
NC
NC
NC
D1
D1
D1
D1
NC
NC
NC
NC
NC
NC
NC
NC
D1
D1
D1
D1
Two Photodiodes (PD1, PD2)
D1
NC
NC
NC
D2
NC
NC
NC
D1
D1
D1
D1
D2
D2
D2
D2
Four Photodiodes (PD1 to PD4)
D1
D2
D3
D4
NC
NC
NC
NC
NC
NC
NC
NC
D1
D2
D3
D4
Eight Photodiodes (PD1 to PD8)
D1
D2
D3
D4
D5
D6
D7
D8
1
Dx refers to the diode connected to the specified channel.
2
NC means do not connect. Leave all unused inputs floating.
LED DRIVER PINS AND LED SUPPLY VOLTAGE
The LEDX1, LEDX2, and LEDX3 pins have an absolute maximum
voltage rating of 3.6 V. Any voltage exposure over this rating
affects the reliability of the device operation and, in certain
circumstances, causes the device to cease proper operation. The
voltage of the LEDx pins must not be confused with the supply
voltages for the LED themselves. VLEDx is the voltage applied to the
anode of the external LED, whereas the LEDXx pin is the input
of the internal current driver, and the pins are connected to the
cathode of the external LED.
LED DRIVER OPERATION
The LED driver for the ADPD1080/ADPD1081 is a current
sink. The compliance voltage, measured at the driver pin with
respect to ground, required to maintain the programmed LED
current level is a function of the current required. Figure 12
shows the typical compliance voltages required at the various
LED coarse settings. Figure 40 shows the basic schematic of
how the ADPD1080/ADPD1081 connect to an LED through the
LED driver. The Determining the Average Current section and
the Determining CVLED section define the requirements for the
bypass capacitor (CVLED) and the supply voltages of the LEDs
(VLEDx).
ADPD1080/
ADPD1081
LEDXx
LGND
VLEDx
SUPPLY
CVLED
Figure 40. VLEDx Supply Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com