Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPD4001 Datasheet(PDF) 32 Page - Analog Devices

Part # ADPD4001
Description  Multimodal Sensor Front End
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD4001 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADPD4001 Datasheet HTML 28Page - Analog Devices ADPD4001 Datasheet HTML 29Page - Analog Devices ADPD4001 Datasheet HTML 30Page - Analog Devices ADPD4001 Datasheet HTML 31Page - Analog Devices ADPD4001 Datasheet HTML 32Page - Analog Devices ADPD4001 Datasheet HTML 33Page - Analog Devices ADPD4001 Datasheet HTML 34Page - Analog Devices ADPD4001 Datasheet HTML 35Page - Analog Devices ADPD4001 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 82 page
background image
ADPD4000/ADPD4001
Data Sheet
Rev. A | Page 32 of 82
PRECONDITION
SENSOR
MODULATE
STIMULUS
+
–
INTEGRATION
SEQUENCE
ADC CH1
START OF TIME SLOT
MOD_OFFSET_x
MOD_WIDTH_x
INTEG_OFFSET_x + INTEG_FINE_OFFSET_x
INTEG_WIDTH_x
TIA OUTPUT
INTEGRATOR
OUTPUT
PERIOD
(AUTOMATICALLY CALCULATED)
+
–
PRE_WIDTH_x
(DEFAULT 8µs)
Figure 39. Timing Diagram for Modulate Stimulus Operation
Table 21. Modulate Stimulus Settings
Group
Time Slot A
Register Address1
Bit Field Name
Description
Modulate Stimulus
Setup
0x0100
SAMPLE_TYPE_x
Leave at the default setting (0) for default sampling mode.
0x0101
AFE_PATH_CFG_x
Set to 0x0E6 for TIA, integrator, and ADC. Bypass BPF.
0x0102
INPxx_x
Enable desired inputs.
0x0103
PRECON_x
Set to 0x5 to precondition sensor to TIA_VREF.
0x0103
VCx_PULSE_x
VCx pulse control. Set to 0x2 to pulse to the alternate
voltage during a modulation pulse.
0x0103
VCx_ALT_x
Select the alternate state for VCx during the modulation
pulse.
0x0103
VCx_SEL_x
Set to 0x1 to set VCx to TIA_VREF as primary state.
0x0104
TIA_GAIN_CHx_x
Select TIA gain.
0x0104
AFE_TRIM_VREF_x
Set to 0x2 to set TIA_VREF = 0.9 V.
Modulate Stimulus
Timing
0x010C
MOD_OFFSET_x
Sets start time of first modulation pulse in 1 μs
increments.
0x010C
MOD_WIDTH_x
Sets width of modulation pulse in 1 μs increments. Typical
values of 6 μs to 12 μs.
0x010A
INTEG_WIDTH_x
Integration time in µs. Set to MOD_WIDTH_x + 1.
0x010B
INTEG_OFFSET_x
Integration sequence start time. Set to MOD_OFFSET_x − 1.
0x010B
INTEG_FINE_OFFSET_x
Start from 0 and sweep to find optimal operating point.
0x0107
NUM_INT_x
Set to 1 for a single integration per ADC conversion
0x0107
NUM_REPEAT_x
Number of sequence repeats. SNR increases as √n. where
n = NUM_REPEAT × NUM_INT.
1
This is the Time Slot A register address. Add 0x020 for the identical register address for each subsequent time slot. For example, Register 0x0100 is the location for
SAMPLE_TYPE_A. For Time Slot B, this register is at Address 0x0120. For Time Slot C, this register is at Address 0x0140. For Time Slot D, this register is at
Address 0x0160, and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com