Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRV9004BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADRV9004BBCZ
Description  Dual Narrow-Band and Wideband RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9004BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADRV9004BBCZ Datasheet HTML 17Page - Analog Devices ADRV9004BBCZ Datasheet HTML 18Page - Analog Devices ADRV9004BBCZ Datasheet HTML 19Page - Analog Devices ADRV9004BBCZ Datasheet HTML 20Page - Analog Devices ADRV9004BBCZ Datasheet HTML 21Page - Analog Devices ADRV9004BBCZ Datasheet HTML 22Page - Analog Devices ADRV9004BBCZ Datasheet HTML 23Page - Analog Devices ADRV9004BBCZ Datasheet HTML 24Page - Analog Devices ADRV9004BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Data Sheet
ADRV9004
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 21 of 92
Figure 3. Pin Configuration
Table 17. Pin Function Descriptions
Pin No.
Type
Mnemonic
Description
A1, A2, A13, A14, B2 to B5,
B10 to B13, C2, C5, C10, C13,
D1 to D6, D9 to D14, E6, E9,
F1 to F3, F6 to F9, F12 to F14,
G2, G13, J1 to J14
Input
VSSA
Analog Ground (VSSA).
A3, A4
Input
EXT_LO2+, EXT_LO2−
Differential External LO Input 1 (LO1). If EXT_LO2+ and EXT_LO2− are used for the external LO1, the
input frequency must be 2× or higher than the desired carrier frequency. For an LO range from 500 MHz
to 1 GHz, a 1× multiplier is available. If unused, connect EXT_LO2+ and EXT_LO2− to VSSA.
A5
Input
VRFVCO2_1P3
1.3 V Internal LDO Regulator Input Supply for RF External LO Input 2 (LO2) VCO and LO Generation
Circuitry. VRFVCO2_1P3 is sensitive to supply noise.
A6
Input and
Output
VRFLO2_1P0
1.0 V Internal Supply Node for RF LO2 LO Generation Circuitry. Connect VRFLO2_1P0 together with
VRFVCO2_1P0 and bypass with a 4.7 µF capacitor when the internal LDO regulator operated from the
VRFVCO2_1P3 input is in use. Provide a 1.0 V supply to VRFLO2_1P0 when the internal LDO regulator
that is operated from VRFVCO2_1P3 is not in use.
A7
Input
MODEA
Use MODEA to configure the boot up option for the DEV_CLK_IN± inputs and the DEV_CLK_OUT
output. Connect MODEA to VSSA to enable the differential clock receiver at the DEV_CLK_IN± pins.
Connect MODEA to a voltage level higher than any VSSA to enable either the single-ended clock at
DEV_CLK_IN+ or the crystal oscillator resonator at both of the DEV_CLK_IN± pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com