Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL5233B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LL5233B
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LL5233B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LL5233B Datasheet HTML 1Page - List of Unclassifed Manufacturers LL5233B Datasheet HTML 2Page - List of Unclassifed Manufacturers LL5233B Datasheet HTML 3Page - List of Unclassifed Manufacturers LL5233B Datasheet HTML 4Page - List of Unclassifed Manufacturers LL5233B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LL5221B~LL5271B
Excel Semiconductor
www.excel-semi.com
Rev. 3b, 1-Jul-2004
FaxBack +86-512-67606917
2/5
VZnom
1)
IZT
for
rzjT
rzjK
at
IZK
IR
at
VR
TKVZ
Type
V
mA
Ω
Ω
mA
μA
V
%/K
LL5221B
2.4
20
<30
<1200
0.25
<100
1.0
<-0.085
LL5222B
2.5
20
<30
<1250
0.25
<100
1.0
<-0.085
LL5223B
2.7
20
<30
<1300
0.25
<75
1.0
<-0.080
LL5224B
2.8
20
<30
<1400
0.25
<75
1.0
<-0.080
LL5225B
3.0
20
<29
<1600
0.25
<50
1.0
<-0.075
LL5226B
3.3
20
<28
<1600
0.25
<25
1.0
<-0.070
LL5227B
3.6
20
<24
<1700
0.25
<15
1.0
<-0.065
LL5228B
3.9
20
<23
<1900
0.25
<10
1.0
<-0.060
LL5229B
4.3
20
<22
<2000
0.25
<5
1.0
<+0.055
LL5230B
4.7
20
<19
<1900
0.25
<5
2.0
<+0.030
LL5231B
5.1
20
<17
<1600
0.25
<5
2.0
<+0.030
LL5232B
5.6
20
<11
<1600
0.25
<5
3.0
<+0.038
LL5233B
6.0
20
<7
<1600
0.25
<5
3.5
<+0.038
LL5234B
6.2
20
<7
<1000
0.25
<5
4.0
<+0.045
LL5235B
6.8
20
<5
<750
0.25
<3
5.0
<+0.050
LL5236B
7.5
20
<6
<500
0.25
<3
6.0
<+0.058
LL5237B
8.2
20
<8
<500
0.25
<3
6.5
<+0.062
LL5238B
8.7
20
<8
<600
0.25
<3
6.5
<+0.065
LL5239B
9.1
20
<10
<600
0.25
<3
7.0
<+0.068
LL5240B
10
20
<17
<600
0.25
<3
8.0
<+0.075
LL5241B
11
20
<22
<600
0.25
<2
8.4
<+0.076
LL5242B
12
20
<30
<600
0.25
<1
9.1
<+0.077
LL5243B
13
9.5
<13
<600
0.25
<0.5
9.9
<+0.079
LL5244B
14
9.0
<15
<600
0.25
<0.1
10
<+0.082
LL5245B
15
8.5
<16
<600
0.25
<0.1
11
<+0.082
LL5246B
16
7.8
<17
<600
0.25
<0.1
12
<+0.083
LL5247B
17
7.4
<19
<600
0.25
<0.1
13
<+0.084
LL5248B
18
7.0
<21
<600
0.25
<0.1
14
<+0.085
LL5249B
19
6.6
<23
<600
0.25
<0.1
15
<+0.086
LL5250B
20
6.2
<25
<600
0.25
<0.1
16
<+0.086
LL5251B
22
5.6
<29
<600
0.25
<0.1
17
<+0.087
LL5252B
24
5.2
<33
<600
0.25
<0.1
18
<+0.088
LL5253B
25
5.0
<35
<600
0.25
<0.1
19
<+0.089
LL5254B
27
4.6
<41
<600
0.25
<0.1
21
<+0.090
LL5255B
28
4.5
<44
<600
0.25
<0.1
21
<+0.091
LL5256B
30
4.2
<49
<600
0.25
<0.1
23
<+0.091
LL5257B
33
3.8
<58
<700
0.25
<0.1
25
<+0.092
LL5258B
36
3.4
<70
<700
0.25
<0.1
27
<+0.093
LL5259B
39
3.2
<80
<800
0.25
<0.1
30
<+0.094
LL5260B
43
3.0
<93
<900
0.25
<0.1
33
<+0.095
LL5261B
47
2.7
<105
<1000
0.25
<0.1
36
<+0.095
LL5262B
51
2.5
<125
<1100
0.25
<0.1
39
<+0.096
LL5263B
56
2.2
<150
<1300
0.25
<0.1
43
<+0.096
LL5264B
60
2.1
<170
<1400
0.25
<0.1
46
<+0.097
LL5265B
62
2.0
<185
<1400
0.25
<0.1
47
<+0.097
LL5266B
68
1.8
<230
<1600
0.25
<0.1
52
<+0.097
LL5267B
75
1.7
<270
<1700
0.25
<0.1
58
<+0.098
LL5268B
82
1.5
<330
<2000
0.25
<0.1
62
<+0.098
LL5269B
87
1.4
<370
<2200
0.25
<0.1
68
<+0.099
LL5270B
91
1.4
<400
<2300
0.25
<0.1
69
<+0.099
LL5271B
100
1.3
<500
<2600
0.25
<0.1
76
<+0.11
1)
Based on DC-measurement at thermal equilibrium while maintaining the lead temperature(TL) at 30℃,
9.5mm (3/8”) from the diode body.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com