Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0803NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PA0803NL
Description  High Frequency Planar Transforms
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0803NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PA0803NL Datasheet HTML 1Page - Pulse A Technitrol Company PA0803NL Datasheet HTML 2Page - Pulse A Technitrol Company PA0803NL Datasheet HTML 3Page - Pulse A Technitrol Company PA0803NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
power.pulseelectronics.com
SPM2007_52 (06/19) http://www.power.pulseelectronics.com/contact
High Frequency Planar Transforms
PA08XXNL Series (up to 140W)
Pulse Worldwide Headquarters
15255 Innovation Drive Ste 100
San Diego, CA 92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Pulse Electronics GmbH
Am Rottland 12
58540 Meinerzhagen
Germany
Tel: 49 2354 777 100
Fax: 49 2354 777 168
Pulse China Headquarters
Pulse Electronics (ShenZhen) CO., LTD
D708, Shenzhen Academy of
Aerospace Technology,
The 10th Keji South Road,
Nanshan District, Shenzhen,
P.R. China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse South Asia
3 Fraser Street 0428
DUO Tower
Singapore 189352
Tel: 65 6287 8998
Fax: 65 6280 0080
Pulse North Asia
1F., No.111 Xiyuan Road
Zhongli District
Taoyuan City 32057
Taiwan (R.O.C)
Tel: 886 3 4356768
Fax: 886 3 4356820
For More Information
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned
herein may be trademarks or registered trademarks of their respective owners. © Copyright, 2019. Pulse Electronics, Inc. All rights reserved.
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
1.
The primary inductance for any configuration can be calculated as:
Primary Inductance (µH MIN) = 2.4 * (Primary_Turns)2
2.
The above base part numbers (
PA08XXNL) are available from stock.
3.
It is possible to add a small gap to the transformer. Gapped transformers are non-
standard and can be made available upon request, but are not typically available
from stock. To request a gapped version of the transformer, add a suffix “G” to the
base number (i.e. PA0801
GNL or PA0801.004GNL etc.). The nominal inductance with
the a gap can be calculated as:
Primary Inductance (µH nominal) = 0.69 * (Primary Turns)2
4.
It is possible to add a primary side aux. winding to any of the above configura-
tions as shown in the schematics. Transformers with primary size aux. windings are
non-standard and can be made available upon request, but are not typically available
from stock. The primary aux. winding can be between 2 and 16 turns. To add a pri-
mary aux. winding to a given base, use the extension
.0XX. For example, to add a 4T
aux. winding to the base part number PA0801NL, use the part number
PA0801.004NL.
To add a 16T aux. winding, use the part number
PA0801.016NL.
5.
Optional Tape & Reel packaging can be ordered by adding a “
T” suffix to the
complete part number (i.e. PA0801 becomes PA0801
T for no AUX - PA0801.009NL
becomes PA0801T.009NL
T for 9T AUX). PUlse complies to industry standard tape and
reel specification EIA481.
Notes:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com