Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT50SW1 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # IT50SW1
Description  WIRELESS LAN TOWER LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT50SW1 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  IT50SW1 Datasheet HTML 1Page - M-System Co.,Ltd. IT50SW1 Datasheet HTML 2Page - M-System Co.,Ltd. IT50SW1 Datasheet HTML 3Page - M-System Co.,Ltd. IT50SW1 Datasheet HTML 4Page - M-System Co.,Ltd. IT50SW1 Datasheet HTML 5Page - M-System Co.,Ltd. IT50SW1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: IT50SW1
IT50SW1 SPECIFICATIONS
ES-2373 Rev.10 Page 4/6
http://www.m-system.co.jp/
DIMENSIONS unit: mm
43±1
.5 dia.
(30 dia.)
Lead wires
50±1.5dia.
(58)
Approx.1500
Lamp Layers
1
2
3
4
5
A
224
256
288
320
352
3 Bolts and Nuts (M4)
*1. Consult M-System for other bolt length.
R77.1
MOUNTING REQUIREMENTS unit: mm
120°
43 dia.
3 Holes (5 dia.)
Front
W
iring
Hole
30
dia.
*
*Protect wires to prevent scratching them at the edge of the
compartment.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com