Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT40SW6F Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # IT40SW6F
Description  WIRELESS TOWER LIGHT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT40SW6F Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  IT40SW6F Datasheet HTML 1Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 2Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 3Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 4Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 5Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 6Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 7Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 8Page - M-System Co.,Ltd. IT40SW6F Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MODEL: IT40SW6F
IT40SW6F SPECIFICATIONS
ES-2434 Rev.0 Page 1/10
http://www.m-system.co.jp/
Tower Light Series
WIRELESS TOWER LIGHT
(small size, 40 mm dia., Modbus-RTU transparent 900 MHz
band wireless device (child), 1 - 5 layers)
Functions & Features
• Equipped with 900 MHz band wireless device (child),
which is RS-485 transparent type and enables Modbus-RTU
protocol communication
• Having gateway function for connecting 900 MHz band
wireless Modbus-RTU (RS-485) to the wired network
• Lighting, blinking and buzzer outputs possible with contact
inputs or via wireless communication
• Wireless device which incorporates a module conforming
to FCC part 15 can be used only within the United States
•Non-directional antenna (360°horizontal)
*1
60 (2.36)
mm (inch)
90
(3.54)
*1. 224 mm with 1 lamp, 256 mm with 2 lamps, 288 mm with 3 lamps,
320 mm with 4 lamps, 352 mm with 5 lamps
(The illustration represents the unit with 5 layers.)
MODEL: IT40SW6F-[1][2][3][4][5][6]D2U-R[7]
ORDERING INFORMATION
• Code number: IT40SW6F-[1][2][3][4][5][6]D2U-R[7]
Specify a code from below for each [1] through [7].
(e.g. IT40SW6F-5RYGBWD2U-R/Q)
• Use Ordering Information Sheet (No. ESU-2375) to select
the same color for more than one layer.
• Specify the specification for option code /Q
(e.g. /C01)
* If you specify "no lamp", see the specification of
IT60SW6F.
[1] LAMP LAYERS
1: 1 layer
2: 2 layers
3: 3 layers
4: 4 layers
5: 5 layers
[2] LAMP 1 COLOR
(1st layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
[3] LAMP 2 COLOR
(2nd layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 2 - 5)
[4] LAMP 3 COLOR
(3rd layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 3 - 5)
[5] LAMP 4 COLOR
(4th layer from the top)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 4 - 5)
[6] LAMP 5 COLOR
(5th layer from the top.)
R: Red
Y: Amber
G: Green
B: Blue
W: White
N: None (not available when Lamp Layers selected are 5)
* Select "None" option for the layers other than the
selected.
MOUNTING
D: Direct mounting


Similar Part No. - IT40SW6F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
IT40SW1 MSYSTEM-IT40SW1 Datasheet
287Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW2 MSYSTEM-IT40SW2 Datasheet
315Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW5F MSYSTEM-IT40SW5F Datasheet
581Kb / 10P
WIRELESS TOWER LIGHT
More results

Similar Description - IT40SW6F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SW2 MSYSTEM-IT50SW2 Datasheet
322Kb / 6P
WIRELESS TOWER LIGHT
IT50SW1 MSYSTEM-IT50SW1 Datasheet
295Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW5F MSYSTEM-IT40SW5F Datasheet
581Kb / 10P
WIRELESS TOWER LIGHT
IT40SW2 MSYSTEM-IT40SW2 Datasheet
315Kb / 6P
WIRELESS LAN TOWER LIGHT
IT40SW1 MSYSTEM-IT40SW1 Datasheet
287Kb / 6P
WIRELESS LAN TOWER LIGHT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com