Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT40SW1 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # IT40SW1
Description  WIRELESS LAN TOWER LIGHT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

IT40SW1 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  IT40SW1 Datasheet HTML 1Page - M-System Co.,Ltd. IT40SW1 Datasheet HTML 2Page - M-System Co.,Ltd. IT40SW1 Datasheet HTML 3Page - M-System Co.,Ltd. IT40SW1 Datasheet HTML 4Page - M-System Co.,Ltd. IT40SW1 Datasheet HTML 5Page - M-System Co.,Ltd. IT40SW1 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: IT40SW1
IT40SW1 SPECIFICATIONS
ES-2372 Rev.9 Page 3/6
http://www.m-system.co.jp/
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute (discrete input or
power to network
STANDARDS & APPROVALS
• Built-in module certified under Japanese Radio Law
• EU conformity:
RE Directive
EN 300 328 V2.1.1
RoHS Directive
EN 50581
• EN 301 489-1 V1.9.2
• EN 60950-1
EXTERNAL VIEW
5
4
6
5
4
6
5
4
6
Ethernet
Modular Jack
Mode
IP Address Reset
Power
Run
Link COL
Link100
WLAN2
WLAN1
Power
Run
Link
COL
Link100
WLAN2
WLAN1
Lamp 1
■ BOTTOM VIEW
Lamp 2
Lamp 3
Lamp 4
Buzzer Aperture
Status Indicator LED
DIP SW
■ FRONT VIEW (with the cover open)
FRONT
Gasket
Antenna



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com