Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW62000A Datasheet(PDF) 13 Page - STMicroelectronics

Part # M76DW62000A
Description  64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW62000A Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M76DW62000A Datasheet HTML 9Page - STMicroelectronics M76DW62000A Datasheet HTML 10Page - STMicroelectronics M76DW62000A Datasheet HTML 11Page - STMicroelectronics M76DW62000A Datasheet HTML 12Page - STMicroelectronics M76DW62000A Datasheet HTML 13Page - STMicroelectronics M76DW62000A Datasheet HTML 14Page - STMicroelectronics M76DW62000A Datasheet HTML 15Page - STMicroelectronics M76DW62000A Datasheet HTML 16Page - STMicroelectronics M76DW62000A Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
13/27
M76DW63000A, M76DW62000A
Table 7. SRAM DC Characteristics
Note: 1. Sampled only, not 100% tested.
2. A0-A18 for the M76DW63000A, A0-A17 for the M76DW62000A.
Symbol
Parameter
Test Condition
M76DW63000A
M76DW62000A
Unit
Min
Typ
Max
Min
Typ
Max
ILI
Input Leakage Current
0V
≤ VIN ≤ VCCS
±1
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCCS,
SRAM Outputs Hi-Z
±1
±1
µA
ICCS
VCC Standby Current
E1S ≥ VCCS – 0.2V
VIN ≥ VCCS – 0.2V or VIN ≤ 0.2V
f = fmax (A0-A182 and DQ0-
DQ15 only)
f = 0 (GS, WS, UBS and LBS)
8
25
7
15
µA
E1S ≥ VCCS – 0.2V
VIN ≥ VCCS – 0.2V or VIN ≤ 0.2V,
f = 0
8
25
7
15
µA
ICC
Supply Current
f = fmax = 1/AVAV,
VCCS = 3.3V, IOUT = 0 mA
5.5
12
5.5
12
mA
f = 1MHz,
VCCS = 3.3V, IOUT = 0 mA
1.5
3
1.5
3
mA
VIL
Input Low Voltage
–0.3
0.8
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCCS
+0.3
2.2
VCCS
+0.3
V
VOL
Output Low Voltage
VCCS = VCC min
IOL = 2.1mA
0.4
0.4
V
VOH
Output High Voltage
VCCS = VCC min
IOH = –1.0mA
2.4
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com