Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF101 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # ISF101
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

ISF101 Datasheet(HTML) 2 Page - Rectron Semiconductor

  ISF101 Datasheet HTML 1Page - Rectron Semiconductor ISF101 Datasheet HTML 2Page - Rectron Semiconductor ISF101 Datasheet HTML 3Page - Rectron Semiconductor ISF101 Datasheet HTML 4Page - Rectron Semiconductor ISF101 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
OC)
0
0.1
0.4
1.0
4
40
20
10
0
2
4
6
10
8
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
020
1.0
0.1
10
1000
10000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( ISF101 THRU ISF107)
FIG.3 MAXIMUM REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2MAXIMUM INSTANTANEOUS
FORWARD CHARACTERISTICS
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
TA = 150
OC
TA = 25
OC
TA = 25
OC
Pulse Width = 300mS
1% Duty Cycle
ISF101-ISF104
ISF107
ISF105-ISF106
NUMBER OF CYCLES AT 60Hz
1
0
75
50
25
100
150
125
5
2
10
20
50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine-Wave
JEDEC Method



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com