Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALTG-923-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # ALTG-923-R
Description  Limit Alarms (rotary switch adj.) AL-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

ALTG-923-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  ALTG-923-R Datasheet HTML 1Page - M-System Co.,Ltd. ALTG-923-R Datasheet HTML 2Page - M-System Co.,Ltd. ALTG-923-R Datasheet HTML 3Page - M-System Co.,Ltd. ALTG-923-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: ALTG
ALTG SPECIFICATIONS
ES-2739 Rev.8 Page 1/4
http://www.m-system.co.jp/
Limit Alarms (rotary switch adj.) AL-UNIT
TACHOGENERATOR ALARM
Functions & Features
• Providing SPDT relay outputs at preset AC voltage levels
from a tachogenerator
• Dual (Hi/Lo) trip
• Energized or de-energized coil at a tripped condition
selectable
• Rotary switch setpoint adjustments
• Enclosed relays
• Relays can be powered 110 V DC
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
132
(5.20)
80
(3.15)
mm (inch)
6 7 8
6 7 8
6 7 8
6 7 8
MODEL: ALTG-[1][2][3]-[4][5]
ORDERING INFORMATION
• Code number: ALTG-[1][2][3]-[4][5]
Specify a code from below for each of [1] through [5].
(e.g. ALTG-111-B/Q)
• Special input range (For code U)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Voltage
1: 0 – 35 V AC (Input resistance 100 kΩ min.)
2: 0 – 50 mV AC (Input resistance 100 kΩ min.)
3: 0 – 60 mV AC (Input resistance 100 kΩ min.)
4: 0 – 100 mV AC (Input resistance 100 kΩ min.)
5: 0 – 1 V AC (Input resistance 100 kΩ min.)
6: 0 – 10 V AC (Input resistance 100 kΩ min.)
7: 0 – 100 V AC (Input resistance 100 kΩ min.)
8: 0 – 110 V AC (Input resistance 100 kΩ min.)
9: 0 – 150 V AC (Input resistance 100 kΩ min.)
A: 0 – 200 V AC (Input resistance 100 kΩ min.)
B: 0 – 250 V AC (Input resistance 100 kΩ min.)
U: Specify voltage (See INPUT SPECIFICATIONS)
(0 % input must be 0 V.)
[2] SETPOINT 1 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[3] SETPOINT 2 OUTPUT
1: Hi (coil energized at alarm)
2: Hi (coil de-energized at alarm)
3: Lo (coil energized at alarm)
4: Lo (coil de-energized at alarm)
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[5] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Setpoint adjustments: 10-position rotary switches (front); 0


Similar Part No. - ALTG-923-R

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
ALT EMERSON-NETWORKPOWER-ALT Datasheet
156Kb / 2P
25W Single and 30W Dual output
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
TTL compatible
logo
M-System Co.,Ltd.
ALT MSYSTEM-ALT Datasheet
136Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
logo
Littelfuse
ALT LITTELFUSE-ALT Datasheet
234Kb / 2P
8-pin Plug-in Alternating Relay
2019 Rev: 2-C-043019
ALT-100-1-SW LITTELFUSE-ALT-100-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
More results

Similar Description - ALTG-923-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ALAC MSYSTEM-ALAC Datasheet
126Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALDN MSYSTEM-ALDN Datasheet
127Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALDY MSYSTEM-ALDY Datasheet
127Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALM MSYSTEM-ALM Datasheet
124Kb / 3P
Limit Alarms (rotary switch adj.) AL-UNIT
ALNR MSYSTEM-ALNR Datasheet
126Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALPT MSYSTEM-ALPT Datasheet
126Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALR MSYSTEM-ALR Datasheet
127Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALSP MSYSTEM-ALSP Datasheet
128Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALV MSYSTEM-ALV Datasheet
135Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
ALCT MSYSTEM-ALCT Datasheet
134Kb / 4P
Limit Alarms (rotary switch adj.) AL-UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com