Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1208BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADGS1208BCPZ
Description  SPI Interface, Low CON and QINJ, 짹15 V/12 V, 1.8 V Logic Control, 8:1/Dual 4:1 Mux Switches
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1208BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADGS1208BCPZ Datasheet HTML 13Page - Analog Devices ADGS1208BCPZ Datasheet HTML 14Page - Analog Devices ADGS1208BCPZ Datasheet HTML 15Page - Analog Devices ADGS1208BCPZ Datasheet HTML 16Page - Analog Devices ADGS1208BCPZ Datasheet HTML 17Page - Analog Devices ADGS1208BCPZ Datasheet HTML 18Page - Analog Devices ADGS1208BCPZ Datasheet HTML 19Page - Analog Devices ADGS1208BCPZ Datasheet HTML 20Page - Analog Devices ADGS1208BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
ADGS1208/ADGS1209
Rev. 0 | Page 17 of 33
0
123
4567
8
9
10
11
12
SOURCE VOLTAGE (V)
0
5
4
2
1
3
VDD = +12V
VSS = 0V
TA = 25°C
SOURCE/DRAIN ON
DRAIN OFF
SOURCE OFF
Figure 27. ADG1209 Capacitance vs. Source Voltage, 12 V Single Supply
0
–15
15
SOURCE VOLTAGE (V)
–12
–9
–6
–3
0369
12
SOURCE OFF
DRAIN OFF
SOURCE/DRAIN ON
5
4
3
2
1
VDD = +15V
VSS = –15V
TA = 25°C
Figure 28. ADG1209 Capacitance vs. Source Voltage, ±15 V Dual Supply
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
02
46
8
TIME (µs)
SCLK = 2.5MHz
SCLK IDLE
Figure 29. Digital Feedthrough
0
50
100
150
200
250
300
2.7
3.0
3.5
4.0
4.5
5.0
5.5
VL (V)
12V
15V
TA = 25°C
ADGS1208 WITH S8 SLECTED
Figure 30. IDD vs. VL
0
50
100
150
200
250
300
350
400
450
110
20
30
40
50
SCLK FREQUENCY (MHz)
TA = 25°C
VL = 3V
VL = 5V
Figure 31. IL vs. SCLK Frequency when
CS is High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com