Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS1409 Datasheet(PDF) 21 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 17Page - Analog Devices ADGS1409 Datasheet HTML 18Page - Analog Devices ADGS1409 Datasheet HTML 19Page - Analog Devices ADGS1409 Datasheet HTML 20Page - Analog Devices ADGS1409 Datasheet HTML 21Page - Analog Devices ADGS1409 Datasheet HTML 22Page - Analog Devices ADGS1409 Datasheet HTML 23Page - Analog Devices ADGS1409 Datasheet HTML 24Page - Analog Devices ADGS1409 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 21 of 34
VDD
VSS
VDD
VSS
GND
CL
15pF
GPOx
VGPO
50%
tOFF (GPO)
tON (GPO)
10%
90%
50%
SCLK
ADGS14081
1SIMILAR CONNECTION FOR THE ADGS1409.
Figure 43. GPOx Timing, tON (GPO) and tOFF (GPO)
ADGS14081
GND
GPO1
GPO2
VDD
VSS
VDD
VSS
1SIMILAR CONNECTION FOR THE ADGS1409.
CL
15pF
VGPO1
CL
15pF
VGPO2
TIME DELAY BETWEEN
GPO1 TURNING OFF
AND GPO2 TURNING ON
VGPO1
VGPO2
80%
80%
80%
80%
0V
0V
tD (GPO)
tD (GPO)
Figure 44. GPOx Break-Before-Make Time Delay, tD (GPO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com