Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS5412 Datasheet(PDF) 21 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADGS5412 Datasheet HTML 17Page - Analog Devices ADGS5412 Datasheet HTML 18Page - Analog Devices ADGS5412 Datasheet HTML 19Page - Analog Devices ADGS5412 Datasheet HTML 20Page - Analog Devices ADGS5412 Datasheet HTML 21Page - Analog Devices ADGS5412 Datasheet HTML 22Page - Analog Devices ADGS5412 Datasheet HTML 23Page - Analog Devices ADGS5412 Datasheet HTML 24Page - Analog Devices ADGS5412 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADGS5412
Rev. A | Page 21 of 30
TERMINOLOGY
IDD
IDD is the positive supply current.
ISS
ISS is the negative supply current.
VD, VS
VD and VS are the analog voltages on Terminal D and Terminal
S, respectively.
RON
RON is the ohmic resistance between Terminal D and Terminal
S.
∆RON
∆RON is the difference between the RON of any two channels.
RFLAT(ON)
RFLAT(ON) is flatness that is defined as the difference between the
maximum and minimum value of on resistance measured over
the specified analog signal range.
IS (Off)
IS (Off) is the source leakage current with the switch off.
ID (Off)
ID (Off) is the drain leakage current with the switch off.
ID (On), IS (On)
ID (On) and IS (On) are the channel leakage currents with the
switch on.
VINL
VINL is the maximum input voltage for Logic 0.
VINH
VINH is the minimum input voltage for Logic 1.
IINL, IINH
IINL and IINH are the low and high input currents of the digital
inputs.
CD (Off)
CD (Off) is the off switch drain capacitance, which is measured
with reference to the GND pin.
CS (Off)
CS (Off) is the off switch source capacitance, which is measured
with reference to the GND pin.
CD (On), CS (On)
CD (On) and CS (On) are the on switch capacitances, which are
measured with reference to the GND pin
CIN
CIN is the digital input capacitance.
tON
tON is the delay between applying the digital control input and
the output switching on.
tOFF
tOFF is the delay between applying the digital control input and
the output switching off.
tD
tD is the off time measured between the 80% point of both
switches when switching from one address state to another.
Off Isolation
Off isolation is a measure of unwanted signal coupling through
an off switch.
Charge Injection
Charge injection is a measure of the glitch impulse transferred
from the digital input to the analog output during switching.
Crosstalk
Crosstalk is a measure of unwanted signal that is coupled
through from one channel to another as a result of parasitic
capacitance.
Bandwidth
Bandwidth is the frequency at which the output is attenuated by
3 dB.
On Response
On response is the frequency response of the on switch.
Insertion Loss
Insertion loss is the loss due to the on resistance of the switch.
Total Harmonic Distortion + Noise (THD + N)
THD + N is the ratio of the harmonic amplitude plus the noise
of the signal to the fundamental.
AC Power Supply Rejection Ratio (AC PSRR)
AC PSRR is the ratio of the amplitude of signal on the output to
the amplitude of the modulation. This is a measure of the ability
of the device to avoid coupling noise and spurious signals that
appear on the supply voltage pin to the output of the switch. The dc
voltage on the device is modulated by a sine wave of 0.62 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com