Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADGS5412BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADGS5412BCPZ
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADGS5412BCPZ Datasheet HTML 21Page - Analog Devices ADGS5412BCPZ Datasheet HTML 22Page - Analog Devices ADGS5412BCPZ Datasheet HTML 23Page - Analog Devices ADGS5412BCPZ Datasheet HTML 24Page - Analog Devices ADGS5412BCPZ Datasheet HTML 25Page - Analog Devices ADGS5412BCPZ Datasheet HTML 26Page - Analog Devices ADGS5412BCPZ Datasheet HTML 27Page - Analog Devices ADGS5412BCPZ Datasheet HTML 28Page - Analog Devices ADGS5412BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
ADGS5412
Rev. A | Page 25 of 30
BREAK-BEFORE-MAKE SWITCHING
The ADGS5412 exhibits break-before-make switching action,
which allows the use of the device in multiplexer applications.
This configuration can be achieved by externally hardwiring the
device in the mux configuration that is required, as shown in
Figure 45.
4 × SPST
S1
S4
S2
S3
Dx
4:1 MUX
SCLK SDI CS RESET/VL
SPI
INTERFACE
Figure 45. An SPI Controlled Switch Configured into a 4:1 Mux
TRENCH ISOLATION
In the analog switch section of the ADGS5412, an insulating
oxide layer (trench) is placed between the negative channel metal-
oxide semiconductor (NMOS) and the positive channel metal-
oxide semiconductor (PMOS) transistors of each complementary
metal oxide semiconductor switch (CMOS). Parasitic junctions,
which occur between the transistors in junction isolated
switches, are eliminated, and the result is a completely latch-up
proof switch.
In junction isolation, the negative (N) and positive (P) wells of the
PMOS and NMOS transistors form a diode that is reverse-biased
under normal operation. However, during overvoltage
conditions, this diode can become forward-biased. A silicon
controlled rectifier (SCR) circuit is formed by the two transistors,
causing a significant amplification of the current that, in turn,
leads to latch-up. With trench isolation, this diode is removed,
and the result is a latch-up proof switch. The ADGS5412 analog
switch pins pass the maximum rating in the JESD78D standard
in which they are stressed with a ±500 mA pulse for 1 second.
The high voltage latch-up proof family of switches and multiplexers
provide a robust solution for instrumentation, industrial, automo-
tive, aerospace, and other harsh environments that are prone to
latch-up, which is an undesirable high current state that can
lead to device failure and which persists until the power supply
is turned off. The ADGS5412 high voltage switches allow
single-supply operation from 9 V to 40 V and dual-supply
operation from ±9 V to ±22 V.
NMOS
PMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
HANDLE WAFER
TRENCH
Figure 46. Trench Isolation
DIGITAL INPUT BUFFERS
There are input buffers present on the digital inputs pins CS,
SCLK, and SDI. These buffers are active at all times. As result of
this, there will be current draw from the VL supply if SCLK or SDI
are toggling, regardless whether CS is active. For typical values of
this current draw, refer to the specification tables and
Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com