Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5019BCPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5019BCPZN-R7
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019BCPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADRF5019BCPZN-R7 Datasheet HTML 1Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 2Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 3Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 4Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5019BCPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADRF5019
Rev. 0 | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Positive Supply Voltage
−0.3 V to +3.7 V
Negative Supply Voltage
−2.8 V to +0.3 V
Digital Control Inputs
Voltage
−0.3 V to VDD + 0.3 V
Current
3 mA
RF Input Power, Dual Supply1 (VDD = 3.3 V,
VSS = −2.5 V, f = 2 GHz at TCASE = 85°C2)
Insertion Loss Path
37 dBm
Isolation Path
28 dBm
Hot Switching
30 dBm
RF Input Power, Dual Supply1 (VDD = 3.3 V,
VSS = 0 V, f = 2 GHz at TCASE = 85°C2)
Insertion Loss Path
28 dBm
Isolation Path
23 dBm
Hot Switching
23 dBm
RF Input Power Under Unbiased
Condition (VDD, VSS = 0 V)
23 dBm
Temperature
Junction, TJ
135°C
Storage Range
−65°C to +150°C
Reflow
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
2 kV (Class 2)
1 For power derating vs. frequency, see Figure 2 and Figure 3. Power derating
is applicable for insertion loss path, terminated path, and hot switching power
specifications.
2 For operation at 105°C, the power handling degrades from the TCASE = 85°C
specification by 3 dB.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal resistance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJC is the junction to case bottom (channel to package bottom)
thermal resistance.
Table 3. Thermal Resistance
Package Type
θJC
Unit
CP-16-38
Through Path
106
°C/W
Terminated Path
100
°C/W
POWER DERATING CURVES
Figure 2. Power Derating vs. Frequency, Low Frequency Detail,
TCASE = 85°C
Figure 3. Power Derating vs. Frequency, High Frequency Detail,
TCASE = 85°C
ESD CAUTION
5
–25
–20
–15
–10
–5
0
0.01
0.1
1
10
100
1000
10000
FREQUENCY (MHz)
THROUGH
HOT SWITCHING
TERMINATED
5
–25
–20
–15
–10
–5
0
0
1347
8
2
4
6
9
10
11
12
13
FREQUENCY (GHz)
THROUGH
HOT SWITCHING
TERMINATED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com