Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF5024BCCZN-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5024BCCZN-R7
Description  Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5024BCCZN-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5024BCCZN-R7 Datasheet HTML 5Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 6Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 7Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 8Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 9Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 10Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 11Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 12Page - Analog Devices ADRF5024BCCZN-R7 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Data Sheet
ADRF5024
Rev. C | Page 11 of 13
Figure 20. Evaluation Board Component Placement
VSS
VSS
VDD
CTRL
GND
EPAD
GND
RFC
1
3
2
9
7
8
VCTRL
VDD
100pF
100pF
0Ω
ADRF5024
RFC
RF1
THRU CAL
RF2
Figure 21. Simplified Evaluation Board Schematic
Table 6. Evaluation Board Components
Component
Default Value
Description
C8, C9
100 pF
Capacitors, C0402 package
J8 to J10
Not applicable
2.4 mm end launch connectors (Southwest Microwave: 1492-04A-5)
R2
0 Ω
Resistor, 0402 package
TP5 to TP8
Not applicable
Through hole mount test points
U2
ADRF5024
ADRF5024 SPDT switch, Analog Devices, Inc.
PCB
08-046672E
Evaluation PCB, Analog Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com