Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8024 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST8024
Description  SMARTCARD INTERFACE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8024 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST8024 Datasheet HTML 13Page - STMicroelectronics ST8024 Datasheet HTML 14Page - STMicroelectronics ST8024 Datasheet HTML 15Page - STMicroelectronics ST8024 Datasheet HTML 16Page - STMicroelectronics ST8024 Datasheet HTML 17Page - STMicroelectronics ST8024 Datasheet HTML 18Page - STMicroelectronics ST8024 Datasheet HTML 19Page - STMicroelectronics ST8024 Datasheet HTML 20Page - STMicroelectronics ST8024 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ST8024
17/23
Figure 10: Application Diagram
(1) These capacitors must be of the low ESR-type and be placed near the IC (within 100 mm).
(2) ST8024 and the microcontroller must use the same VDD supply.
(3) Make short, straight connections between CGND, C5 and the ground connection to the capacitor.
(4) Mount one low ESR-type 100 nF capacitor close to pin VCC .
(5) Mount one low ESR-type 100 nF capacitor close to C1 contact (less than 100 mm from it).
(6) The connection to C3 should be routed as far from C2, C7, C4 and C8 and, if possible, surrounded by grounded tracks.
(7) Optional resistor bridge for changing the threshold of VDD . If this bridge is not required pin 18 should be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com