Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # BAS40W
Description  SCHOTTKY BARRIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS40W Datasheet(HTML) 2 Page - Rectron Semiconductor

  BAS40W Datasheet HTML 1Page - Rectron Semiconductor BAS40W Datasheet HTML 2Page - Rectron Semiconductor BAS40W Datasheet HTML 3Page - Rectron Semiconductor BAS40W Datasheet HTML 4Page - Rectron Semiconductor BAS40W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0
5
10
15
20
0
1
2
3
4
0
25
50
75
100
125
0
50
100
150
200
0.0
0.2
0.4
0.6
0.8
1.0
0.01
0.1
1
10
100
0
1020
3040
1E-3
0.01
0.1
1
10
100
T
a
=25
f=1MHz
&DSDFLWDQFH&KDUDFWHULVWLFV
REVERSE VOLTAGE
V
R
(V)
3RZHU'HUDWLQJ &XUYH
AMBIENT TEMPERATURE
T
a
(
)
)RUZDUG &KDUDFWHULVWLFV
FORWARD VOLTAGE
V
F
(V)
200
5HYHUVH&KDUDFWHULVWLFV
T
a
=100
T
a
=25
REVERSE VOLTAGE
V
R
(V)
RATING AND CHARACTERISTICS CURVES (BAS40W/-04/-05/-06)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com