Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF103P Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SF103P
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF103P Datasheet(HTML) 2 Page - Rectron Semiconductor

  SF103P Datasheet HTML 1Page - Rectron Semiconductor SF103P Datasheet HTML 2Page - Rectron Semiconductor SF103P Datasheet HTML 3Page - Rectron Semiconductor SF103P Datasheet HTML 4Page - Rectron Semiconductor SF103P Datasheet HTML 5Page - Rectron Semiconductor SF103P Datasheet HTML 6Page - Rectron Semiconductor SF103P Datasheet HTML 7Page - Rectron Semiconductor SF103P Datasheet HTML 8Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
OC)
0
0.1
0.4
1.0
4
40
20
10
0
2
4
6
10
8
2.0
1.5
0.5
1.0
3.0
2.5
3.5
150
100
50
0
020
1.0
0.1
10
100
1000
120
100
40
60
80
140
RATING AND CHARACTERISTICS CURVES ( SF101P THRU SF107P )
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
DERATING CURVE
FIG.2 TYPICAL INSTANTANEOUS
FIG.2 TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FORWARD CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
0.2
0
2
4
6
60
40
20
10
100
200
40
100
0.4
1.0
2
4
10
20
FIG.4 TYPICAL JUNCTION CAPACITANCE
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
75
50
25
100
150
125
5
2
10
20
50
100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
SURGE CURRENT
Single Phase Half Wave
60 Hz Inductive or
Resistive Load
TA = 100
OC
TA = 25
OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25
OC
Pulse Width = 300mS
1% Duty Cycle
TJ = 25
OC
Fig. 1 Forward Power Dissipation
0
5
10
15
20
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
0
5
10
15
25
~
FP
1
0
1
S
P
4
0
1
F
S
~
P
5
0
1
F
S
P
6
0
1
F
S
P
7
0
1
F
S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com