Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC-HL-3-11-R Datasheet(PDF) 10 Page - M-System Co.,Ltd.

Part # JC-HL-3-11-R
Description  Remote I/O JC Series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

JC-HL-3-11-R Datasheet(HTML) 10 Page - M-System Co.,Ltd.

Back Button JC-HL-3-11-R Datasheet HTML 3Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 4Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 5Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 6Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 7Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 8Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 9Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 10Page - M-System Co.,Ltd. JC-HL-3-11-R Datasheet HTML 11Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MODEL: JC-HL
JC-HL SPECIFICATIONS
ES-9041 Rev.3 Page 10/11
https://www.m-system.co.jp/
SYSTEM CONFIGURATION EXAMPLES
Master Module
Rt : Terminating Resistor
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
Rt
HUB Module
(Model: JC−HL)
HUB Module
(Model: JC−HL)
HUB Module
(Model: JC−HL)
Slave
Slave
Slave
Slave
High-speed link System I/O Modules
(Model: R7F4DH etc.)
High-speed link System I/O Modules
(Model: R7F4DH etc.)
High-speed link System I/O Modules
(Model: R7F4DH etc.)
High-speed link System I/O Modules
(Model: R7F4DH etc.)
HUB Module
(Model: JC−HL)
Number of insert: 1
Number of insert: 3
Number of insert: 2
Note 1) Max. transmission distance between master module and HUB module, HUB module and HUB module, HUB module and slave module is as
follows. 100 m at 12 Mbps, 200 m at 6 Mbps and 300 m at 3 Mbps.
Note 2) Be sure to connect HLS0A/HLS0B to the host side.
Note 3) The terminating resistor must be enabled for the modules at both end of the communication line. The terminating resistor is incorporated
in the feeder side port of the HUB module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com